Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

24C01 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # 24C01
Description  2-Wire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C01 Datasheet(HTML) 1 Page - ATMEL Corporation

  24C01 Datasheet HTML 1Page - ATMEL Corporation 24C01 Datasheet HTML 2Page - ATMEL Corporation 24C01 Datasheet HTML 3Page - ATMEL Corporation 24C01 Datasheet HTML 4Page - ATMEL Corporation 24C01 Datasheet HTML 5Page - ATMEL Corporation 24C01 Datasheet HTML 6Page - ATMEL Corporation 24C01 Datasheet HTML 7Page - ATMEL Corporation 24C01 Datasheet HTML 8Page - ATMEL Corporation 24C01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
Low Voltage and Standard Voltage Operation
– 5.0 (V
CC = 4.5V to 5.5V)
– 2.7 (V
CC = 2.7V to 5.5V)
– 2.5 (V
CC = 2.5V to 5.5V)
– 1.8 (V
CC = 1.8V to 5.5V)
Internally Organized 128 x 8
2-Wire Serial Interface
Bidirectional Data Transfer Protocol
100 kHz (1.8V, 2.5V, 2.7V) and 400 kHz (5V) Compatibility
4-Byte Page Write Mode
Self-Timed Write Cycle (10 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
– ESD Protection: >3000V
Automotive Grade and Extended Temperature Devices Available
8-Pin PDIP, 8-Pin MSOP, 8-Pin TSSOP and 8-Pin JEDEC SOIC Packages
Description
The AT24C01 provides 1024 bits of serial electrically erasable and programmable
read only memory (EEPROM) organized as 128 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low power
and low voltage operation are essential. The AT24C01 is available in space saving
8-pin PDIP, 8-pin MSOP, 8-pin TSSOP, and 8-pin JEDEC SOIC packages and is
accessed via a 2-wire serial interface. In addition, the entire family is available in 5.0V
(4.5V to 5.5V), 2.7V (2.7V to 5.5V), 2.5V (2.5V to 5.5V) and 1.8V (1.8V to 5.5V) ver-
sions.
2-Wire Serial
EEPROM
1K (128 x 8)
AT24C01
Rev. 0134C–07/98
2-Wire, 1K
Serial EEPROM
Pin Configurations
Pin Name
Function
NC
No Connect
SDA
Serial Data
SCL
Serial Clock Input
Test
Test Input (GND or V
CC)
8-Pin PDIP
1
2
3
4
8
7
6
5
NC
NC
NC
GND
VCC
TEST
SCL
SDA
8-Pin SOIC
1
2
3
4
8
7
6
5
NC
NC
NC
GND
VCC
TEST
SCL
SDA
8-Pin MSOP
8-Pin TSSOP
1
2
3
4
8
7
6
5
NC
NC
NC
GND
VCC
TEST
SCL
SDA


Similar Part No. - 24C01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01 MICROCHIP-24C01 Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
List of Unclassifed Man...
24C01 ETC1-24C01 Datasheet
45Kb / 8P
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
logo
Integrated Silicon Solu...
24C01 ISSI-24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
24C016 ISSI-24C016 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
More results

Similar Description - 24C01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
2-WIRE SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com