Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN74LS157D Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS157D
Description  QUAD 2-INPUT MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS157D Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS157D Datasheet HTML 1Page - Motorola, Inc SN74LS157D Datasheet HTML 2Page - Motorola, Inc SN74LS157D Datasheet HTML 3Page - Motorola, Inc SN74LS157D Datasheet HTML 4Page - Motorola, Inc SN74LS157D Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-268
FAST AND LS TTL DATA
QUAD 2-INPUT MULTIPLEXER
The LSTTL / MSI SN54 / 74LS157 is a high speed Quad 2-Input Multiplexer.
Four bits of data from two sources can be selected using the common Select
and Enable inputs. The four buffered outputs present the selected data in the
true (non-inverted) form. The LS157 can also be used to generate any four
of the 16 different functions of two variables. The LS157 is fabricated with the
Schottky barrier diode process for high speed and is completely compatible
with all Motorola TTL families.
• Schottky Process for High Speed
• Multifunction Capability
• Non-Inverting Outputs
• Input Clamp Diodes Limit High Speed Termination Effects
• Special Circuitry Ensures Glitch Free Multiplexing
• ESD > 3500 Volts
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version has
the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
S
E
I0c
I1c
Zc
I1d
I0d
Zd
I0a
I1d
Za
I0b
I1b
Zb GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
S
E
I0a – I0d
I1a – I1d
Za – Zd
Common Select Input
Enable (Active LOW) Input
Data Inputs from Source 0
Data Inputs from Source 1
Multiplexer Outputs (Note b)
1.0 U.L.
1.0 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
0.5 U.L.
0.5 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
LOGIC DIAGRAM
I0a
I1a
I0b
I1b
I0c
I1c
I0d
I1d E S
Za
Zb
Zc
Zd
14
1
2
6
7
3
4
5
9
11
12
10
13
15
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
SN54/74LS157
QUAD 2-INPUT MULTIPLEXER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
15 2 3 5 6 14 13 11 10
1
4
7
12
9
E I0a I1a I0b I1b I0c I1c I0d I1d
Za
Zb
Zc
Zd
S


Similar Part No. - SN74LS157D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS157D ONSEMI-SN74LS157D Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS157D TI-SN74LS157D Datasheet
733Kb / 17P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LS157D TI-SN74LS157D Datasheet
787Kb / 19P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTIORS/MULTIPLEXERS
SN74LS157D TI1-SN74LS157D Datasheet
1Mb / 21P
QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS
SN74LS157DE4 TI-SN74LS157DE4 Datasheet
787Kb / 19P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTIORS/MULTIPLEXERS
More results

Similar Description - SN74LS157D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com