Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN74LS157D Datasheet(PDF) 2 Page - Motorola, Inc

Part # SN74LS157D
Description  QUAD 2-INPUT MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS157D Datasheet(HTML) 2 Page - Motorola, Inc

  SN74LS157D Datasheet HTML 1Page - Motorola, Inc SN74LS157D Datasheet HTML 2Page - Motorola, Inc SN74LS157D Datasheet HTML 3Page - Motorola, Inc SN74LS157D Datasheet HTML 4Page - Motorola, Inc SN74LS157D Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-269
FAST AND LS TTL DATA
SN54/74LS157
FUNCTIONAL DESCRIPTION
The LS157 is a Quad 2-Input Multiplexer fabricated with the
Schottky barrier diode process for high speed. It selects four
bits of data from two sources under the control of a common
Select Input (S). The Enable Input (E) is active LOW. When E
is HIGH, all of the outputs (Z) are forced LOW regardless of all
other inputs.
The LS157 is the logic implementation of a 4-pole,
2-position switch where the position of the switch is deter-
mined by the logic levels supplied to the Select Input. The logic
equations for the outputs are:
Za = E ⋅ (I1a ⋅ S + I0a ⋅ S)
Zb = E ⋅ (I1b ⋅ S + I0b ⋅ S)
Zc = E ⋅ (I1c ⋅ S + I0c ⋅ S)
Zd = E ⋅ (I1d ⋅ S + I0d ⋅ S)
A common use of the LS157 is the moving of data from two
groups of registers to four common output busses. The partic-
ular register from which the data comes is determined by the
state of the Select Input. A less obvious use is as a function
generator. The LS157 can generate any four of the 16 different
functions of two variables with one variable common. This is
useful for implementing highly irregular logic.
TRUTH TABLE
ENABLE
SELECT
INPUT
INPUTS
OUTPUT
E
S
I0
I1
Z
H
X
X
X
L
L
H
X
L
L
L
H
X
H
H
L
L
L
X
L
L
L
H
X
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com