Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LS173 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS173
Description  4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS173 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS173 Datasheet HTML 1Page - Motorola, Inc 74LS173 Datasheet HTML 2Page - Motorola, Inc 74LS173 Datasheet HTML 3Page - Motorola, Inc 74LS173 Datasheet HTML 4Page - Motorola, Inc 74LS173 Datasheet HTML 5Page - Motorola, Inc 74LS173 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-316
FAST AND LS TTL DATA
4-BIT D-TYPE REGISTER
WITH 3-STATE OUTPUTS
The SN54 / 74LS173A is a high-speed 4-Bit Register featuring 3-state
outputs for use in bus-organized systems. The clock is fully edge-triggered
allowing either a load from the D inputs or a hold (retain register contents)
depending on the state of the Input Enable Lines (IE1, IE2). A HIGH on either
Output Enable line (OE1, OE2) brings the output to a high impedance state
without affecting the actual register contents. A HIGH on the Master Reset
(MR) input resets the Register regardless of the state of the Clock (CP), the
Output Enable (OE1, OE2) or the Input Enable (IE1, IE2) lines.
• Fully Edge-Triggered
• 3-State Outputs
• Gated Input and Output Enables
• Input Clamp Diodes Limit High-Speed Termination Effects
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
OE1
MR
D0
D1
D2
IE2
D3
IE1
OE2 Q0
Q1
Q2
Q3
CP
GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
D0 – D3
IE1 – IE2
OE1 – OE2
CP
MR
Q0 – Q3
Data Inputs
Input Enable (Active LOW)
Output Enable (Active LOW) Inputs
Clock Pulse (Active HIGH Going Edge)
Input
Master Reset Input (Active HIGH)
Outputs (Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
65 (25) U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
15 (7.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
b. Temperature Ranges.
SN54/74LS173A
4-BIT D-TYPE REGISTER
WITH 3-STATE OUTPUTS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
D0 D1 D2D3
CP
OE
MR
1 2
1
1
2
2
Q1
Q0
Q2Q3
9 10
14 13 12 11
3 4 5 6
15
7
IE


Similar Part No. - 74LS173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS173 TI-74LS173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LS173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B Datasheet
181Kb / 8P
4-Bit D-Type Register with Three-State Outputs
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4076B PHILIPS-HEF4076B Datasheet
70Kb / 7P
Quadruple D-type register with 3-state outputs
January 1995
logo
Texas Instruments
SN54173 TI-SN54173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
4-bit D-type Register (with 3-state Outputs)
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B_05 Datasheet
94Kb / 8P
4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
4-bit D-type Register (with 3-state outputs)
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B_14 Datasheet
112Kb / 7P
4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com