Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LS173 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS173
Description  4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS173 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS173 Datasheet HTML 1Page - Motorola, Inc 74LS173 Datasheet HTML 2Page - Motorola, Inc 74LS173 Datasheet HTML 3Page - Motorola, Inc 74LS173 Datasheet HTML 4Page - Motorola, Inc 74LS173 Datasheet HTML 5Page - Motorola, Inc 74LS173 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
5-317
FAST AND LS TTL DATA
SN54/74LS173A
LOGIC DIAGRAM
CP
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
CP
Q
D
Q
IE1
IE2
OE2
OE1
14
6
7
3
4
5
9
11
12
10
13
15
D
D
D
1
2
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
TRUTH TABLE
MR
CP
IE1
IE2
Dn
Qn
H
x
x
x
x
L
L
L
x
x
x
Qn
L
H
x
x
Qn
L
x
H
x
Qn
L
L
L
L
L
L
L
L
H
H
When either OE1, or OE2 are HIGH, the output is in the off state (High Impedance);
however this does not affect the contents or sequential operation of the register.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54
74
– 1.0
– 2.6
mA
IOL
Output Current — Low
54
74
12
24
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com