Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LS175 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS175
Description  QUAD D FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS175 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS175 Datasheet HTML 1Page - Motorola, Inc 74LS175 Datasheet HTML 2Page - Motorola, Inc 74LS175 Datasheet HTML 3Page - Motorola, Inc 74LS175 Datasheet HTML 4Page - Motorola, Inc 74LS175 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-327
FAST AND LS TTL DATA
QUAD D FLIP-FLOP
The LSTTL / MSI SN54 / 74LS175 is a high speed Quad D Flip-Flop. The
device is useful for general flip-flop requirements where clock and clear inputs
are common. The information on the D inputs is stored during the LOW to
HIGH clock transition. Both true and complemented outputs of each flip-flop
are provided. A Master Reset input resets all flip-flops, independent of the
Clock or D inputs, when LOW.
The LS175 is fabricated with the Schottky barrier diode process for high
speed and is completely compatible with all Motorola TTL families.
• Edge-Triggered D-Type Inputs
• Buffered-Positive Edge-Triggered Clock
• Clock to Output Delays of 30 ns
• Asynchronous Common Reset
• True and Complement Output
• Input Clamp Diodes Limit High Speed Termination Effects
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
MR
Q3
Q3
D3
D2
Q2
Q2
CP
Q0
Q0
D0
D1
Q1
Q1 GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
D0 – D3
CP
MR
Q0 – Q3
Q0 – Q3
Data Inputs
Clock (Active HIGH Going Edge) Input
Master Reset (Active LOW) Input
True Outputs (Note b)
Complemented Outputs (Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
b. Temperature Ranges.
LOGIC DIAGRAM
D Q
CP
CD
Q
CP D3
D2
D1
D0
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
D Q
CP
CD
Q
MR
14
1
2
6
7
3
4
5
9
11
12
10
13
15
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
D Q
CP
CD
Q
D Q
CP
CD
Q
SN54/74LS175
QUAD D FLIP-FLOP
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
12
1
2
3
6
7 11
14 15
10
4
5
13
9
CP
D0
D1
D2
D3
MR
Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3


Similar Part No. - 74LS175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS175 NSC-74LS175 Datasheet
174Kb / 8P
Hex/Quad D Flip-Flops with Clear
logo
ON Semiconductor
74LS175 ONSEMI-74LS175 Datasheet
108Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS175 FAIRCHILD-74LS175 Datasheet
73Kb / 7P
Hex/Quad D-Type Flip-Flops with Clear
logo
Hitachi Semiconductor
74LS175 HITACHI-74LS175 Datasheet
74Kb / 6P
Hex/Quadruple D-type Flip-Flips(with clear)
logo
SYC Electronica
74LS175 SYC-74LS175 Datasheet
241Kb / 6P
QUAD D FLIP-FLOP
More results

Similar Description - 74LS175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
Quad D Flip-Flop
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
Quad D Flip-Flop
logo
NXP Semiconductors
74ALS175 PHILIPS-74ALS175 Datasheet
99Kb / 8P
Quad D flip-flop
1991 Feb 08
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
Quad D flip-flop
1996 Mar 12
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
Quad D-Type Flip-Flop
logo
Texas Instruments
54ACT175 TI1-54ACT175 Datasheet
141Kb / 8P
Quad D Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com