Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LS175 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 74LS175
Description  QUAD D FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS175 Datasheet(HTML) 3 Page - Motorola, Inc

  74LS175 Datasheet HTML 1Page - Motorola, Inc 74LS175 Datasheet HTML 2Page - Motorola, Inc 74LS175 Datasheet HTML 3Page - Motorola, Inc 74LS175 Datasheet HTML 4Page - Motorola, Inc 74LS175 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-329
FAST AND LS TTL DATA
SN54/74LS175
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Input Clock Frequency
30
40
MHz
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay, MR to Output
20
20
30
30
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay, Clock to Output
13
16
25
25
ns
CL = 15 pF
AC SETUP REQUIREMENTS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock or MR Pulse Width
20
ns
VCC = 5.0 V
ts
Data Setup Time
20
ns
VCC = 5.0 V
th
Data Hold Time
5.0
ns
VCC = 5.0 V
trec
Recovery Time
25
ns
AC WAVEFORMS
Figure 1. Clock to Output Delays, Clock Pulse Width,
Frequency, Setup and Hold Times Data to Clock
Figure 2. Master Reset to Output Delay, Master Reset
Pulse Width, and Master Reset Recovery Time
1.3 V
1.3 V
1.3 V
Q
Q
tPLH
tPLH
tPHL
1.3 V
*The shaded areas indicate when the input is permitted to
*change for predictable output performance.
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1/fmax
tw
ts(H)
th(H)
ts(L)
th(L)
CP
tPHL
tPLH
tW
tPHL
CP
trec
Q
MR
D
Q
*
1.3 V
1.3 V
DEFINITIONS OF TERMS
SETUP TIME (ts) — is defined as the minimum time required
for the correct logic level to be present at the logic input prior to
the clock transition from LOW to HIGH in order to be recog-
nized and transferred to the outputs.
HOLD TIME (th) — is defined as the minimum time following
the clock transition from LOW to HIGH that the logic level must
be maintained at the input in order to ensure continued recog-
nition. A negative HOLD TIME indicates that the correct logic
level may be released prior to the clock transition from LOW to
HIGH and still be recognized.
RECOVERY TIME (trec) — is defined as the minimum time
required between the end of the reset pulse and the clock
transition from LOW to HIGH in order to recognize and transfer
HIGH Data to the Q outputs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com