Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS35D6S Datasheet(PDF) 4 Page - MTU Onsite Energy Corporation

Part # DS35D6S
Description  DIESEL GENERATOR SET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS35D6S Datasheet(HTML) 4 Page - MTU Onsite Energy Corporation

  DS35D6S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS35D6S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS35D6S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS35D6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
///  / DS35D6S
EMISSIONS DATA
NOx
HC
CO
PM
3.1
0.22
0.8
0.18
All units are in g/hp-hr and are EPA D2 cycle values.
Emission levels of the engine may vary as a function of ambient
temperature, barometric pressure, humidity, fuel type and
quality, installation parameters, measuring instrumentation,
etc. The data provided are laboratory results from one
engine representing this rating. The data was obtained
under controlled environmental conditions with calibrated
instrumentation traceable to the United States National Bureau
of Standards and in compliance with US EPA regulations found
within 40 CFR Part 89. The weighted cycle value from each
engine is guaranteed to be below the US EPA Standards at the
US EPA defined conditions.
RATING DEFINITIONS AND CONDITIONS
// 
Standby ratings apply to installations served by a reliable
utility source. The standby rating is applicable to varying
loads for the duration of a power outage. No overload
capability for this rating. Ratings are in accordance with
ISO 3046-1, BS 5514, AS 2789, and DIN 6271.
// 
Deration Factor:
Altitude: Consult your local MTU Onsite Energy Power
Generation Distributor for altitude derations.
Temperature: Consult your local MTU Onsite Energy Power
Generation Distributor for temperature derations.
WEIGHTS AND DIMENSIONS
SOUND DATA
Unit Type
Standby Full Load
Level 0: Open Power Unit dB(A)
80.5
Sound data is provided at 7 m (23 ft). Generator set tested in accordance with ISO 8528-10 and with infinite exhaust.
System
Dimensions (L x W x H)
Weight (dry/less tank)
Open Power Unit (OPU)
1,724 x 752x 1,321 mm (67.87 x 29.62 x 52 in)
805 kg (1,770 lb)
Drawing above for illustration purposes only, based on standard open power 480 volt generator set. Lengths may vary with other voltages. Do not use for installation design. See website
for unit specific template drawings.
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
Materials and specifications subject to change without notice.
C/F = Consult Factory/MTU Onsite Energy Distributor
MTU Onsite Energy
A Rolls-Royce Power Systems Brand
www.mtuonsiteenergy.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com