Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS35D6S Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

Part # DS35D6S
Description  DIESEL GENERATOR SET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS35D6S Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  DS35D6S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS35D6S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS35D6S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS35D6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIESEL GENERATOR SET
DS35D6S
35 kWe /60 Hz /Standby
208 - 600V
(Reference DP35D6S for Prime Rating Technical Data)
SYSTEM RATINGS
Standby
DS35D6SGT
DS35D6SPT
DS35D6SJT
DS35D6SVT
DS35D6SRT
DS35D6SNT
Voltage (L-L)
240V**
208V**
240V**
380V**
480V**
600V**
Phase
1
3
3
3
3
3
PF
1.0
0.8
0.8
0.8
0.8
0.8
Hz
60
60
60
60
60
60
kW
37
35
35
37
35
35
kVA
37
43.75
43.75
46.25
43.75
43.75
Amps
154
121
105
70
53
42
skVA@30%
Voltage Dip
62
106
106
128
141
123
Generator Model
361CSL1601
284PSL1708
284PSL1708
361CSL1601
284PSL1708
284PSL5252
Temp Rise
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
Connection
12 LEAD
12 LEAD
12 LEAD
12 LEAD
12 LEAD
DOUBLE DELTA
LOW WYE
HI DELTA
HI WYE
HI WYE
4 LEAD WYE
** UL 2200 Offered
// 
Emissions – EPA Tier 3 Certified
// 
Generator set is designed and manufactured in
facilities certified to standards ISO 9001:2008 and
ISO 14001:2004
// 
UL 2200 / CSA – Optional
– UL 2200 Listed
– CSA Certified
// 
Performance Assurance Certification (PAC)
- Generator Set Tested to ISO 8528-5 for Transient Response
- Verified product design, quality and performance integrity
- All engine systems are prototype and factory tested
// 
Power Rating
- Accepts Rated Load in One Step Per NFPA 110
CERTIFICATIONS AND STANDARDS


Similar Part No. - DS35D6S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS35 IXYS-DS35 Datasheet
40Kb / 2P
Rectifier Diode Avalanche Diode
logo
Lumileds Lighting Compa...
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
power light source Luxeon Dental
logo
IXYS Corporation
DS35-08A IXYS-DS35-08A Datasheet
40Kb / 2P
Rectifier Diode Avalanche Diode
DS35-12A IXYS-DS35-12A Datasheet
40Kb / 2P
Rectifier Diode Avalanche Diode
logo
SICK AG
DS35-B15221 SICK-DS35-B15221 Datasheet
1Mb / 8P
MID RANGE DISTANCE SENSORS
More results

Similar Description - DS35D6S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
DIESEL GENERATOR SET
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
DIESEL GENERATOR SET
MTU4R0113DS40 MTU-MTU4R0113DS40 Datasheet
126Kb / 4P
DIESEL GENERATOR SET
MTU4R0113DS55 MTU-MTU4R0113DS55 Datasheet
123Kb / 4P
DIESEL GENERATOR SET
MTU4R0113DS60 MTU-MTU4R0113DS60 Datasheet
208Kb / 4P
DIESEL GENERATOR SET
MTU6R0120DS150 MTU-MTU6R0120DS150 Datasheet
161Kb / 4P
DIESEL GENERATOR SET
MTU10V1600DS560 MTU-MTU10V1600DS560 Datasheet
918Kb / 5P
DIESEL GENERATOR SET
MTU12V2000DS800 MTU-MTU12V2000DS800 Datasheet
211Kb / 4P
DIESEL GENERATOR SET
MTU16V4000DS1955 MTU-MTU16V4000DS1955 Datasheet
128Kb / 4P
DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com