Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS2016 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2016
Description  2k x 8 3V/5V Operation Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2016 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2016 Datasheet HTML 1Page - Dallas Semiconductor DS2016 Datasheet HTML 2Page - Dallas Semiconductor DS2016 Datasheet HTML 3Page - Dallas Semiconductor DS2016 Datasheet HTML 4Page - Dallas Semiconductor DS2016 Datasheet HTML 5Page - Dallas Semiconductor DS2016 Datasheet HTML 6Page - Dallas Semiconductor DS2016 Datasheet HTML 7Page - Dallas Semiconductor DS2016 Datasheet HTML 8Page - Dallas Semiconductor DS2016 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
092399
FEATURES
§ Low-power CMOS design
§ Standby current
− 50 nA max at t
A = 25°C VCC = 3.0V
− 100 nA max at t
A = 25°C VCC = 5.5V
− 1 µA max at t
A = 60°C VCC = 5.5V
§ Full operation for V
CC = 5.5V to 2.7V
§ Data retention voltage = 5.5V to 2.0V
§ Fast 5V access time
− DS2016 - 100
100 ns
− DS2016 - 150
150 ns
§ Reduced-speed 3V access time
− DS2016 - 100
250 ns
− DS2016 - 150
250 ns
§ Operating temperature range of -40°C to
+85°C
§ Full static operation
§ TTL compatible inputs and outputs over
voltage range of 5.5V to 2.7 volts.
§ Available in 24-pin DIP and 24-pin SOIC
packages
§ Suitable for both battery operated and battery
backup applications
PIN ASSIGNMENT
PIN DESCRIPTION
A0 - A10
- Address Inputs
DQ0 - DQ7
- Data Input/Output
CE
- Chip Enable Input
WE
- Write Enable Input
OE
- Output Enable Input
VCC
- Power Supply Input 2.7V - 5.5V
GND
- Ground
DESCRIPTION
The DS2016 2k x 8 3V/5V Operation Static RAM is a 16,384-bit, low-power, fully static random access
memory organized as 2048 words by 8 bits using CMOS technology. The device operates from a single
power supply with a voltage input between 2.7 and 5.5 volts. The chip enable input ( CE ) is used for
device selection and can be used in order to achieve the minimum standby current mode, which facilitates
both battery operated and battery backup applications. The device provides access times as fast as 100 ns
when operated from a 5-volt power supply input and also provides relatively good performance of 250 ns
access while operating from a 3-volt input. The device maintains TTL-level inputs and outputs over the
input voltage range of 2.7 to 5.5 volts. The DS2016 is most suitable for low-power applications where
battery operation or battery backup for nonvolatility is required. The DS2016 is a JEDEC-standard 2k x 8
SRAM and is pin-compatible with ROM and EPROM of similar density.
DS2016
2k x 8 3V/5V Operation Static RAM
www.dalsemi.com
1
2
3
4
5
6
7
8
9
10
11
12
13
24
23
22
21
20
19
18
17
16
15
14
VCC
A8
A9
WE
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
DS2016 24-Pin DIP (600-mil)
DS2016R 24-Pin SOIC (300-mil)


Similar Part No. - DS2016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2016 MAXIM-DS2016 Datasheet
168Kb / 8P
2k x 8 3V/5V Operation Static RAM
032706
More results

Similar Description - DS2016

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
logo
Cypress Semiconductor
CY6116A CYPRESS-CY6116A Datasheet
466Kb / 9P
2K x 8 Static RAM
Monday, November 8, 1993
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
2K x 8 Static RAM
logo
Maxim Integrated Produc...
DS2016 MAXIM-DS2016 Datasheet
168Kb / 8P
2k x 8 3V/5V Operation Static RAM
032706
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com