Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS2016 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2016
Description  2k x 8 3V/5V Operation Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2016 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2016 Datasheet HTML 1Page - Dallas Semiconductor DS2016 Datasheet HTML 2Page - Dallas Semiconductor DS2016 Datasheet HTML 3Page - Dallas Semiconductor DS2016 Datasheet HTML 4Page - Dallas Semiconductor DS2016 Datasheet HTML 5Page - Dallas Semiconductor DS2016 Datasheet HTML 6Page - Dallas Semiconductor DS2016 Datasheet HTML 7Page - Dallas Semiconductor DS2016 Datasheet HTML 8Page - Dallas Semiconductor DS2016 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DS2016
5 of 9
AC CHARACTERISTICS WRITE CYCLE
(TA = -40°C to +85°C; VCC = 2.7V to 3.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Write Cycle Time
tWC
250
ns
Write Pulse Width
tWP
190
ns
Address Setup Time
tAW
0
ns
Write Recovery Time
tWR
25
ns
Output High-Z from WE
tODW
90
ns
Output Active from WE
tOEW
5
ns
Data Setup Time
tDS
100
ns
Data Hold Time
tDH
0
ns
DATA RETENTION CHARACTERISTICS
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Retention
Supply Voltage
VDR
CE
≥ V
CC - 0.3V
2.0
3.5
V
Data Retention
Current at 3.5V
ICCR1
CE
≥ V
CC - 0.3V
50*
1000
nA
Data Retention
Current at 2.0V
ICCR2
CE
≥ V
CC - 0.3V
50*
750
nA
Chip Deselect to
Data Retention
tCDR
0
µs
Recovery Time
tR
2
ms
* Typical values are at 25°C
TIMING DIAGRAM: READ CYCLE
SEE NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com