Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3355 Datasheet(PDF) 3 Page - NEC

Part # 2SC3355
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3355 Datasheet(HTML) 3 Page - NEC

  2SC3355 Datasheet HTML 1Page - NEC 2SC3355 Datasheet HTML 2Page - NEC 2SC3355 Datasheet HTML 3Page - NEC 2SC3355 Datasheet HTML 4Page - NEC 2SC3355 Datasheet HTML 5Page - NEC 2SC3355 Datasheet HTML 6Page - NEC 2SC3355 Datasheet HTML 7Page - NEC 2SC3355 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC3355
0
2
1
5
4
3
7
6
0.5
1
5
10
50 70
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.0 GHz
INTERMODULATIOn DISTORTION vs.
COLLECTOR CURRENT
IM3
IM2
−30
−40
−50
−60
−70
−80
20
30
IC-Collector Current-mA
40
60
50
70
VCE = 10 V
V0 + 100 dB V/50
Rg = Re = 50
at
µ
IM2
IM3
f = 90 + 100 MHz
f = 2
× 200 − 190 MHz
S-PARAMETER
VCE = 10 V, IC = 20 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.173
0.054
0.013
0.028
0.062
0.091
0.121
0.148
0.171
0.207
80.3
77.0
57.9
81.8
82.2
80.7
80.2
80.1
80.0
79.9
13.652
7.217
4.936
3.761
3.094
2.728
2.321
2.183
1.892
1.814
103.4
85.1
74.0
62.3
58.3
52.9
44.9
36.4
30.2
21.4
0.041
0.066
0.113
0.144
0.183
0.215
0.240
0.288
0.305
0.344
73.8
71.2
69.3
67.0
64.7
61.7
58.7
50.7
46.8
39.1
0.453
0.427
0.428
0.414
0.392
0.377
0.359
0.354
0.345
0.344
21.8
26.0
30.8
37.2
43.2
51.4
58.3
67.2
80.0
90.4
VCE = 10 V, IC = 40 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.011
0.028
0.027
0.043
0.074
0.098
0.120
0.146
0.171
0.205
60.1
42.9
25.1
65.7
75.1
75.6
74.1
75.8
77.2
78.0
13.76
7.338
4.996
3.801
3.134
2.759
2.351
2.203
1.910
1.825
105.4
82.9
72.7
61.9
57.6
52.4
44.4
36.0
29.9
21.3
0.040
0.069
0.114
0.144
0.183
0.221
0.247
0.291
0.299
0.344
73.3
66.7
69.4
67.8
63.4
62.1
55.7
49.6
46.0
39.4
0.421
0.416
0.414
0.406
0.386
0.373
0.356
0.347
0.342
0.335
17.5
22.8
28.7
35.7
41.8
49.8
56.3
66.6
78.8
89.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com