Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3355 Datasheet(PDF) 1 Page - NEC

Part # 2SC3355
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3355 Datasheet(HTML) 1 Page - NEC

  2SC3355 Datasheet HTML 1Page - NEC 2SC3355 Datasheet HTML 2Page - NEC 2SC3355 Datasheet HTML 3Page - NEC 2SC3355 Datasheet HTML 4Page - NEC 2SC3355 Datasheet HTML 5Page - NEC 2SC3355 Datasheet HTML 6Page - NEC 2SC3355 Datasheet HTML 7Page - NEC 2SC3355 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC3355
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No. P10355EJ3V1DS00 (3rd edition)
Date Published March 1997 N
Printed in Japan
1985
©
DESCRIPTION
The 2SC3355 is an NPN silicon epitaxial transistor designed for low noise
amplifier at VHF, UHF and CATV band.
It has lange dynamic range and good current characteristic.
FEATURES
• Low Noise and High Gain
NF = 1.1 dB TYP., Ga = 8.0 dB TYP. @VCE = 10 V, IC = 7 mA, f = 1.0 GHz
NF = 1.1 dB TYP., Ga = 9.0 dB TYP. @VCE = 10 V, IC = 40 mA, f = 1.0 GHz
• High Power Gain
MAG = 11 dB TYP. @VCE = 10 V, IC = 20 mA, f = 1.0 GHz
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
PT
600
mW
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
65 to +150
C
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
AVCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
AVEB = 1.0 V, IC = 0
DC Current Gain
hFE
50
120
300
VCE = 10 V, IC = 20 mA
Gain Bandwidth Product
fT
6.5
GHz
VCE = 10 V, IC = 20 mA
Output Capacitance
Cob
0.65
1.0
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e2
9.5
dB
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
Noise Figure
NF
1.1
dB
VCE = 10 V, IC = 7 mA, f = 1.0 GHz
Noise Figure
NF
1.8
3.0
dB
VCE = 10 V, IC = 40 mA, f = 1.0 GHz
hFE Classification
Class
K
Marking
K
hFE
50 to 300
PACKAGE DIMENSIONS
in millimeters (inches)
5.2 MAX.
(0.204 MAX.)
0.5
(0.02)
2.54
(0.1)
1.
2.
3.
Base
Emitter
Collector
EIAJ
JEDEC
IEC
: SC-43B
: TO-92
: PA33
1.27
(0.05)
12
3


Similar Part No. - 2SC3355

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355 Datasheet
82Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC3355 RENESAS-2SC3355 Datasheet
293Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
American Microsemicondu...
2SC3355 AMMSEMI-2SC3355 Datasheet
438Kb / 1P
NPN Silicon Epitaxial Transistor
More results

Similar Description - 2SC3355

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Renesas Technology Corp
2SC5593 RENESAS-2SC5593 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Sanyo Semicon Device
MCH4021 SANYO-MCH4021 Datasheet
276Kb / 9P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
MCH4020 SANYO-MCH4020_12 Datasheet
470Kb / 11P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA802T RENESAS-UPA802T Datasheet
216Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA810T RENESAS-UPA810T Datasheet
223Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA811T RENESAS-UPA811T Datasheet
219Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com