Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5433 Datasheet(PDF) 3 Page - NEC

Part # 2SC5433
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5433 Datasheet(HTML) 3 Page - NEC

  2SC5433 Datasheet HTML 1Page - NEC 2SC5433 Datasheet HTML 2Page - NEC 2SC5433 Datasheet HTML 3Page - NEC 2SC5433 Datasheet HTML 4Page - NEC 2SC5433 Datasheet HTML 5Page - NEC 2SC5433 Datasheet HTML 6Page - NEC 2SC5433 Datasheet HTML 7Page - NEC 2SC5433 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5433
3
Preliminary Data Sheet
MAXIMUM AVAILABLE GAIN/INSERTION
POWER GAIN vs. FREQUENCY
25
0
5.0
0.5
f - Frequency - GHz
NOISE FIGURE vs. COLLECTOR CURRENT
3
0
1
IC - Collector Current - mA
50
2
2
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
2.0
1
2
VCB - Collector to Base Voltage - V
50
1.0
0.5
0.2
0.1
VCE = 3 V
IC = 7 mA
20
10
5
1
0.5
20
15
10
5
0.1
0.2
1.0
2.0
MAG
|S21e|
2
510
20
f = 1 MHZ
VCE = 3 V
f = GHZ
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
16
0.5
0
50
5
IC - Collector Current - mA
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
12
0
0.5
IC - Collector Current - mA
8
6
4
2
20
10
2
1
6
2
4
VCE = 3 V
f = 1 GHZ
50
20
10
5
12
8
10
12
VCE = 3 V
f = 1 GHZ
10
14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com