Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5433 Datasheet(PDF) 5 Page - NEC

Part # 2SC5433
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5433 Datasheet(HTML) 5 Page - NEC

  2SC5433 Datasheet HTML 1Page - NEC 2SC5433 Datasheet HTML 2Page - NEC 2SC5433 Datasheet HTML 3Page - NEC 2SC5433 Datasheet HTML 4Page - NEC 2SC5433 Datasheet HTML 5Page - NEC 2SC5433 Datasheet HTML 6Page - NEC 2SC5433 Datasheet HTML 7Page - NEC 2SC5433 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5433
5
Preliminary Data Sheet
2SC5433
S PARAMETER
VCE = 3 V, IC = 3 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.849
–39.1
8.593
149.9
0.049
67.9
0.910
–18.1
400.00
0.690
–72.9
6.799
128.1
0.078
53.3
0.728
–30.3
600.00
0.626
–99.3
5.461
111.5
0.096
46.0
0.595
–39.2
800.00
0.565
–117.8
4.546
101.0
0.104
42.3
0.525
–44.2
1000.00
0.528
–133.4
3.893
93.5
0.111
40.7
0.478
–45.5
1200.00
0.515
–146.4
3.387
86.5
0.118
40.9
0.433
–45.6
1400.00
0.515
–155.4
2.949
79.2
0.126
43.1
0.394
–47.1
1600.00
0.500
–163.5
2.631
74.4
0.130
46.1
0.360
–49.6
1800.00
0.490
–172.8
2.342
69.8
0.134
48.8
0.339
–53.2
2000.00
0.505
178.7
2.095
65.4
0.137
49.3
0.322
–56.7
2200.00
0.528
173.1
1.910
59.7
0.146
50.5
0.302
–60.7
2400.00
0.543
168.9
1.808
54.9
0.156
51.9
0.287
–66.9
2600.00
0.553
164.9
1.713
52.3
0.169
53.8
0.283
–73.6
2800.00
0.566
161.0
1.571
49.3
0.177
56.6
0.284
–79.0
3000.00
0.583
158.0
1.464
44.8
0.182
57.8
0.276
–84.0
VCE = 3 V, IC = 1 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.955
–23.9
3.465
160.1
0.053
73.5
0.977
–9.3
400.00
0.852
–47.2
3.060
142.4
0.097
60.6
0.894
–17.6
600.00
0.803
–71.0
2.702
126.3
0.130
49.7
0.802
–26.5
800.00
0.759
–88.9
2.480
113.4
0.147
41.4
0.754
–33.8
1000.00
0.710
–104.8
2.263
103.8
0.159
34.0
0.723
–37.4
1200.00
0.667
–119.3
1.995
95.1
0.167
29.3
0.677
–39.2
1400.00
0.653
–131.7
1.791
85.4
0.169
27.8
0.630
–41.7
1600.00
0.632
–141.9
1.654
78.2
0.164
27.1
0.589
–45.0
1800.00
0.602
–152.6
1.508
72.1
0.154
26.6
0.565
–49.1
2000.00
0.599
–163.9
1.359
66.4
0.147
25.0
0.549
–53.3
2200.00
0.621
–172.4
1.256
59.2
0.143
26.8
0.529
–57.3
2400.00
0.635
–178.4
1.200
53.7
0.139
30.1
0.511
–63.4
2600.00
0.639
176.3
1.137
50.5
0.138
34.9
0.513
–70.0
2800.00
0.645
171.0
1.038
46.5
0.136
41.1
0.522
–75.1
3000.00
0.659
166.4
0.976
41.4
0.135
46.7
0.512
–79.8
VCE = 1 V, IC = 5 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.732
–59.6
11.569
138.4
0.055
60.0
0.790
–31.6
400.00
0.588
–101.6
8.006
115.1
0.081
47.5
0.536
–48.4
600.00
0.543
–126.5
5.948
100.2
0.094
44.0
0.403
–58.2
800.00
0.511
–143.6
4.748
91.7
0.102
43.7
0.334
–63.0
1000.00
0.501
–156.8
3.960
85.6
0.112
44.2
0.283
–64.7
1200.00
0.511
–166.4
3.400
79.2
0.123
45.5
0.243
–66.6
1400.00
0.516
–172.5
2.936
73.0
0.135
47.9
0.213
–70.5
1600.00
0.505
–179.0
2.602
69.1
0.145
50.7
0.189
–75.6
1800.00
0.506
173.1
2.296
65.0
0.153
52.4
0.170
–81.5
2000.00
0.527
166.8
2.047
61.0
0.161
52.3
0.157
–88.6
2200.00
0.548
162.8
1.865
55.7
0.173
52.1
0.144
–99.3
2400.00
0.564
159.5
1.761
51.5
0.186
52.1
0.144
–110.9
2600.00
0.574
156.2
1.661
49.1
0.202
53.0
0.150
–119.7
2800.00
0.588
153.1
1.521
46.6
0.210
54.2
0.156
–127.5
3000.00
0.605
151.0
1.415
42.1
0.217
54.2
0.163
–134.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com