Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW6030G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6030G
Description  GaAs DPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6030G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW6030G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs DPDT Switch
DC - 6.0 GHz
Rev. V3
MASW6030G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: +25°C, 0/5 Vdc, 50
Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6
DC - 1.0 GHz
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.6
0.8
1.0
1.5
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
dB
dB
dB
dB
40
35
25
20
—
—
—
—
—
—
—
—
VSWR
DC - 1.0 GHz
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.4:1
1.5:1
1.8:1
Input P-1dB
0.5 - 6.0 GHz, 0 / -5V, 0 / -8V
0.05 GHz, 0 / -5V, 0 / -8V
dBm
dBm
—
—
+27 / +33
+21 / +26
—
—
IP2
Two Tone Input Power up to +5 dBm
0.5 - 6.0 GHz
0.05 GHz
dBm
dBm
—
—
+68
+62
—
—
IP3
Two Tone Input Power up to +5 dBm
0.5 - 6.0 GHz
0.05 GHz
dBm
dBm
—
—
+45
+40
—
—
Control Current
VIN Low (0 to –0.2 V)
VOUT High (-5 V @ 10 µA Typ to –8 V)
µA
µA
—
—
—
—
5
100
T-rise, T-fall
10% to 90% RF and 90% to 10% RF
nS
—
2
—
TON, TOFF
50% control to 90% RF, and 50% control to 10% RF
nS
—
4
—
Transients
In Band
mV
—
15
—
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
6. Loss changes 0.0025 dB/°C (-55°C to +85°C.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com