Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW6030G Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6030G
Description  GaAs DPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6030G Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW6030G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs DPDT Switch
DC - 6.0 GHz
Rev. V3
MASW6030G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Mounting
The MASW6030G is back-metallized with Pd/Ni/Au
(100/1,000, 10,000 Å) metallization. It can be die-
mounted with AuSn eutectic preforms or with
thermally conductive epoxy. The package surface
should be clean and flat before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with
a work surface temperature of approximately
255°C and a tool temperature of 265°C. When
not 90/10 nitrogen/hydrogen gas is applied,
tool tip temperature should be approximately
290°C.
B. DO NOT expose the MASW6030G to a
temperature greater than 320°C for more than
20 seconds.
No more than 3 seconds for
scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place
the MASW6030G into position. A thin epoxy
fillet should be visible around the perimeter of
the chip.
B. Cure epoxy per manufacturer’s recommended
schedule.
C. Electrically conductive epoxy may be used by
is not required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com