Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KMPC8315CVRAGDA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  KMPC8315CVRAGDA Datasheet HTML 1Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 2Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
5
MPC8315E Features
Signal (RCK) can be configured as either input or output
Frame sync and data signals can be programmed to be sampled either on the rising edge or on the
falling edge of the clock
Frame sync can be programmed as active low or active high
Selectable delay (0–3 bits) between the Frame Sync signal and the beginning of the frame
MSB or LSB first support
2.7
USB Dual-Role Controller
The USB controller includes the following features:
Designed to comply with USB Specification, Rev. 2.0
Supports operation as a stand-alone USB device
— Supports one upstream facing port
— Supports three programmable USB endpoints
Supports operation as a stand-alone USB host controller
— Supports USB root hub with one downstream-facing port
— Enhanced host controller interface (EHCI) compatible
Supports high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) operation.
Low-speed operation is supported only in host mode.
Supports UTMI+ low pin interface (ULPI) or on-chip USB-2.0 full-speed/high-speed PHY
Supports USB on-the-go mode, which includes both device and host functionality, when using an
external ULPI PHY
2.8
Dual PCI Express Interfaces
The PCI Express interfaces have the following features:
PCI Express 1.0a compatible
x1 link width
Selectable operation as root complex or endpoint
Both 32- and 64-bit addressing
128-byte maximum payload size
Support for MSI and INTx interrupt messages
Virtual channel 0 only
Selectable Traffic Class
Full 64-bit decode with 32-bit wide windows
Dedicated descriptor based DMA engine per interface with separate read and write channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com