Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KMPC8315CVRAGDA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 2Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
6
Freescale Semiconductor
MPC8315E Features
2.9
Dual Serial ATA (SATA) Controllers
The SATA controllers have the following features:
Designed to comply with Serial ATA Rev 2.5 Specification
ATAPI 6+
Spread spectrum clocking on receive
Asynchronous notification
Hot plug including asynchronous signal recovery
Link power management
Native command queuing
Staggered spin-up and port multiplier support
SATA 1.5 and 3.0 Gbps operation
Interrupt driven
Power management support
Error handling and diagnostic features
— Far end/near end loopback
— Failed CRC error reporting
— Increased ALIGN insertion rates
— Scrambling and CONT override
2.10
Dual Enhanced Three-Speed Ethernet Controllers (eTSECs)
The eTSECs include the following features:
Two SGMII/RGMII/MII/RMII/RTBI interfaces
Two controllers designed to comply with IEEE Std 802.3™, IEEE 802.3u™, IEEE 802.3x™,
IEEE 802.3z™, IEEE 802.3au™, IEEE 802.3ab™, and IEEE Std 1588™
Support for Wake-on-Magic Packet™, a method to bring the device from standby to full operating
mode
MII management interface for external PHY control and status.
2.11
Integrated Programmable Interrupt Controller (IPIC)
The integrated programmable interrupt controller (IPIC) provides a flexible solution for general-purpose
interrupt control. The IPIC programming model is compatible with the MPC8260 interrupt controller and
supports external and internal discrete interrupt sources. Interrupts can also be redirected to an external
interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com