Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N930 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N930
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N930 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N930 Datasheet HTML 1Page - Continental Device India Limited 2N930 Datasheet HTML 2Page - Continental Device India Limited 2N930 Datasheet HTML 3Page - Continental Device India Limited 2N930 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
2N930
2N930A
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Transition frequency
fT
IC=500µA,VCE=5V, f=30MHz
2N930
30
MHz
2N930A
45
MHz
Output Capacitance
Cob
VCB=5V, IE=0, f=1MHz
2N930
8
pF
2N930A
6
pF
Input Impedance
hib
IC=1mA, VCB=5V, f=1kHz
25
32
Voltage Feedback Ratio
hrb
IC=1mA, VCB=5V, f=1kHz
600
x10-6
Small Signal Current Gain
hfe
IC=1mA, VCE=5V, f=1kHz
150
600
Output Admittance
hob
IC=1mA, VCB=5V, f=1kHz
1
µ
S
Noise Figure
NF
IC=10µA,VCE=5V, Rg=10kΩ,
f=10Hz to 15.7kHz
3
dB
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com