Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N930 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N930
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N930 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N930 Datasheet HTML 1Page - Continental Device India Limited 2N930 Datasheet HTML 2Page - Continental Device India Limited 2N930 Datasheet HTML 3Page - Continental Device India Limited 2N930 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
2N930
2N930A
TO-18
Metal Can Package
Low Noise Transistors
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N930
UNIT
Collector Emitter Voltage
VCEO
45
V
Collector Base Voltage
VCBO
45
V
Emitter Base Voltage
VEBO
5
V
Collector Current Continuous
IC
mA
Power Dissipation @ Ta=25ºC
PD
mW
Derate Above 25ºC
mW/ ºC
Power Dissipation @ Tc=25ºC
PD
mW
Derate Above 25ºC
mW/ ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
2N930
2N930A
UNIT
Collector Emitter Voltage
*VCEO
IC=10mA, IB=0
>45
>60
V
Collector Base Voltage
VCBO
IC=10µA, IE=0
>45
>60
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
>5
>6
V
Collector Cut Off Current
ICBO
VCB=45V, IE=0
<10
<2
nA
Collector Cut Off Current
ICEO
VCE=5V, IB=0
<2
<2
nA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
<10
<2
nA
Collector Cut Off Current
ICES
VCE=45V, VBE=0
<10
<2
nA
VCE=45V, VBE=0, Ta=170ºC
<10
<2
µ
A
Collector Emitter Saturation Voltage
*VCE (sat)
IC=10mA, IB=0.5mA
<1.0
<0.5
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=10mA, IB=0.5mA
0.7 - 0.9
0.7 - 0.9
V
DC Current Gain
hFE
IC=1µA, VCE=5V
>60
IC=10µA, VCE=5V
100-300
100-300
IC=10µA, VCE=5V, Ta= -55ºC
>20
>30
IC=500µA, VCE=5V
>150
*IC=10mA, VCE=5V
<600
<600
*Pulse Test: Pulse width <300
µµs, Duty cycle< 2%
60
6
30
300
1.72
600
2N930A
60
3.42
- 65 to +200
583
292
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N930

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N930 STMICROELECTRONICS-2N930 Datasheet
40Kb / 2P
LOW-LEVEL, LOW-NOISE AMPLFIERS
logo
Semicoa Semiconductor
2N930 SEMICOA-2N930 Datasheet
31Kb / 1P
Chip Type 2C2484 Geometry 0307 Polarity NPN
logo
Boca Semiconductor Corp...
2N930 BOCA-2N930 Datasheet
144Kb / 4P
AMPLIFIER TRANSISTOR (NPN SILICON)
logo
Micro Electronics
2N930 MICRO-ELECTRONICS-2N930 Datasheet
147Kb / 2P
COMPLEMENTARY SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
More results

Similar Description - 2N930

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com