Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLL5227 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CLL5227
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL5227 Datasheet(HTML) 2 Page - Continental Device India Limited

  CLL5227 Datasheet HTML 1Page - Continental Device India Limited CLL5227 Datasheet HTML 2Page - Continental Device India Limited CLL5227 Datasheet HTML 3Page - Continental Device India Limited CLL5227 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILIICON PLANAR ZENER DIODES
CLL5227 to CLL5261
SOD - 80C
Mini MELF (LL-34)
Polarity : Cathode is indicated by a blue band
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Forward Voltage at IF=200mA
VF <1.1 V
MAX ZENER
NON SUFFIX
VOLTAGE
DEVICE#
NOMINAL
TEST
ZZT at
ZZK at
IR
at VR
VR
IR at VR used
TEMP.COEFF.
ZENER
VOLTAGE CURRENT
IZT
IZK=0.25mA
for Suffix A
(A&B SUFFIX
VZ at IZT
IZT
0NLY)
(Volts)
(mA)
(
Ω
Ω)
(
Ω
Ω)
(
µµA)
(Volts)
(Volts)
*VZ'(%/°C)
(Note1)
(Note2)
(Note2)
A
B
(
µµA)
Note(3)
CLL5241A
11
20
22
600
2.0
8.0
8.4
30
+0.076
CLL5242A
12
20
30
600
1.0
8.7
9.1
10
+0.077
CLL5243A
13
9.5
13
600
0.5
9.4
9.9
10
+0.079
CLL5244A
14
9.0
15
600
0.1
9.5
10
10
+0.082
CLL5245A
15
8.5
16
600
0.1
10.5
11
10
+0.082
CLL5246A
16
7.8
17
600
0.1
11.4
12
10
+0.083
CLL5247A
17
7.4
19
600
0.1
12.4
13
10
+0.084
CLL5248A
18
7.0
21
600
0.1
13.3
14
10
+0.085
CLL5249A
19
6.6
23
600
0.1
13.3
14
10
+0.086
CLL5250A
20
6.2
25
600
0.1
14.3
15
10
+0.086
CLL5251A
22
5.6
29
600
0.1
16.2
17
10
+0.087
CLL5252A
24
5.2
33
600
0.1
17.1
18
10
+0.088
CLL5253A
25
5.0
35
600
0.1
18.1
19
10
+0.089
CLL5254A
27
4.6
41
600
0.1
20
21
10
+0.090
CLL5255A
28
4.5
44
600
0.1
20
21
10
+0.091
CLL5256A
30
4.2
49
600
0.1
22
23
10
+0.091
CLL5257A
33
3.8
58
700
0.1
24
25
10
+0.092
CLL5258A
36
3.4
70
700
0.1
26
27
10
+0.093
CLL5259A
39
3.2
80
800
0.1
29
30
10
+0.094
CLL5260A
43
3.0
93
900
0.1
31
33
10
+0.095
CLL5261A
47
2.7
105
1000
0.1
34
36
10
+0.095
NOTE1=
SUFFIX 'A' +/- 10% TOLERANCE, AND Suffix 'B' +/- 5% TOLERANCE
NOTE2=
Pulse Test: 20ms< tp<50ms
NOTE3=
Temperature coefficient (*vz).
Test conditions for temperature coefficient are as follows.
a.
T2=125 deg C(CLL5227A, B thru CLL5242A, B )
b. IZT=Rated IZT, TJ=25ºC
T2=125 ºC (CLL5243A, B thru CLL5261A, B )
Device to be temperature stabilized with current applied prior to reading brekdown voltage at the
specified ambient temperature
CLL5227_52261 Rev-1 120808E
IZT=7.5mA, TJ=25ºC
A & B SUFFIX ONLY
A&B SUFFIX ONLY
MAX ZENER
MAX REVERSE LEAKAGE CURRENT
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com