Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLL5227 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLL5227
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL5227 Datasheet(HTML) 1 Page - Continental Device India Limited

  CLL5227 Datasheet HTML 1Page - Continental Device India Limited CLL5227 Datasheet HTML 2Page - Continental Device India Limited CLL5227 Datasheet HTML 3Page - Continental Device India Limited CLL5227 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILIICON PLANAR ZENER DIODES
CLL5227 to CLL5261
SOD - 80C
Mini MELF (LL-34)
Polarity : Cathode is indicated by a blue band
Hermetically Sealed, Glass Silicon Zener Diodes
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
UNIT
DC Power Dissipation at Ta=50 ºC
mW
Derating above Ta= 50 ºC
mW/ ºC
Tj, Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Forward Voltage at IF=200mA
VF <1.1 V
MAX ZENER
NON SUFFIX
VOLTAGE
DEVICE#
NOMINAL
TEST
ZZT at
ZZK at
IR
at VR
VR
IR at VR Used
TEMP.COEFF.
ZENER
VOLTAGE CURRENT
IZT
IZK=0.25mA
for Suffix A
(A&B SUFFIX
VZ at IZT
IZT
0NLY)
(Volts)
(mA)
(
Ω
Ω)
(
Ω
Ω)
(
µµA)
(Volts)
(Volts)
*VZ'(%/°C)
(Note1)
(Note2)
(Note2)
A
B
(
µµA)
Note(3)
CLL5227A
3.6
20
24
1700
15
0.95
1.0
100
-0.065
CLL5228A
3.9
20
23
1900
10
0.95
1.0
75
-0.06
CLL5229A
4.3
20
22
2000
5.0
0.95
1.0
50
-0.055
CLL5230A
4.7
20
19
1900
5.0
1.9
2.0
50
+-0.030
CLL5231A
5.1
20
17
1600
5.0
1.9
2.0
50
+-0.030
CLL5232A
5.6
20
11
1600
5.0
2.9
3.0
50
+0.038
CLL5233A
6.0
20
7.0
1600
5.0
3.3
3.5
50
+0.038
CLL5234A
6.2
20
7.0
1000
5.0
3.8
4.0
50
+0.045
CLL5235A
6.8
20
5.0
750
3.0
4.8
5.0
30
+0.05
CLL5236A
7.5
20
6.0
500
3.0
5.7
6.0
30
+0.058
CLL5237A
8.2
20
8.0
500
3.0
6.2
6.5
30
+0.062
CLL5238A
8.7
20
8.0
600
3.0
6.2
6.5
30
+0.065
CLL5239A
9.1
20
10
600
3.0
6.7
7.0
30
+0.068
CLL5240A
10
20
17
600
3.0
7.6
8.0
30
+0.075
CLL5227_52261 Rev-1 120808E
VALUE
500
3.3
- 65 to +200
PD
MAX ZENER
IMPEDANCE
MAX REVERSE LEAKAGE CURRENT
Operating and Storage
JunctionTemperature Range
A & B SUFFIX ONLY
A&B SUFFIX ONLY
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Continental Device India Limited
Data Sheet
Page 1 of 4


Similar Part No. - CLL5227

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL5227B CENTRAL-CLL5227B Datasheet
682Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
CLL5227B CENTRAL-CLL5227B Datasheet
311Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS
More results

Similar Description - CLL5227

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3-39V CDIL-CZMK3V3-39V Datasheet
312Kb / 4P
SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com