Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SL16010DC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SL16010DC
Description  Low Jitter and Power Clock Generator with SSCG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL16010DC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SL16010DC Datasheet HTML 1Page - List of Unclassifed Manufacturers SL16010DC Datasheet HTML 2Page - List of Unclassifed Manufacturers SL16010DC Datasheet HTML 3Page - List of Unclassifed Manufacturers SL16010DC Datasheet HTML 4Page - List of Unclassifed Manufacturers SL16010DC Datasheet HTML 5Page - List of Unclassifed Manufacturers SL16010DC Datasheet HTML 6Page - List of Unclassifed Manufacturers SL16010DC Datasheet HTML 7Page - List of Unclassifed Manufacturers SL16010DC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev 2.6, August 1, 2010
Page 7 of 8
SL16010DC
Package Outline and Package Dimensions
10-Pin TDFN Package (3x3x0.75 mm)
3.00+/-0.10
0.20+/-0.025
C: 0.25X45°C
Pin #1 ID
Top View
Bottom View
Side View
Side View
0.00-0.05
0.50
0.75+/-0.05
0.25+/-0.05
2.00+/-0.10
0.30+/-0.05
Dimentions are in mm
1
5
6
10
Table 7. Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Thermal Resistance
Junction to Ambient
θJA1
Still air
-
75
-
°C/W
θJA2
1m/s air flow
-
70
-
°C/W
θJA3
3m/s air flow
-
55
-
°C/W
Thermal Resistance
Junction to Case
θJC
Independent of air flow
-
25
-
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com