Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DPG500 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DPG500
Description  AC-DC Power Supplies Power Module type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DPG500 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DPG500 Datasheet HTML 1Page - RSG Electronic Components GmbH DPG500 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DPG-3
DPG500/DPG750
External view
Performance data
¡OUTPUT VOLTAGE FOR INPUT
¡STATIC CHARACTERISTICS
¡HARMONIC CURRENT (AC100V)
(AC230V)
¡HARMONIC CURRENT (AC230V)
HARMONIC ORDER
HARMONIC ORDER
OUTPUT CURRENT
A
INPUT VOLTAGE
V
Harmonic current standard
of class A (at odd number)
Harmonic current standard
of class A (at odd number)
0
0
0
320
340
360
380
320
340
360
380
400
0.5
1.0
1.5
2.0
2.5
0
400
100
50
150
200
250
300
0.001
0.01
0.1
1
10
110
20
30
40
0.001
0.01
0.1
1
10
1
10
20
30
40
DPG750
DPG750
DPG750
DPG750
¶ Div. : 0.5inch
Base plate(Aluminum)
R
+VOUT
ENA
AUX
0.5
±
7-
f1
-VOUT
AC
AC
Mounting Hole
4-M3(FG)
Name Plate
Case(PBT)
Lot No.
58.4max
12.7
5.08
48.3
(5.0)
7-
f1.5
[1.9]
4-
f3.5
[0.5]
[0.2]
48.3
12.7
5.08
[0.06]
[1.9]
[0.2]
[0.2]
[0.5]
[0.04]
[2.3]
[0.14]
¶ Tolerance : ±0.3 [±0.012]
¶ Weight : 100g max
¶ Dimensions in mm, [ ]=inches
¶ Dimensions in mm, [ ]=inches
¶ Mounting hole screwing torque : 0.49N
-m (5.0kgf-cm) max
(TOP VIEW)
Recomending size for processing PCB
DPG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com