Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DPG500 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DPG500
Description  AC-DC Power Supplies Power Module type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DPG500 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DPG500 Datasheet HTML 1Page - RSG Electronic Components GmbH DPG500 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DPG-2
DPG
AC-DC Power Supplies Power Module type
DPG 750
Ordering information
1Series name
2Output power
500 : 500W (ACIN 200V)
750 : 750W (ACIN 200V)
1
2
MODEL
DPG500
DPG750
AC INPUT[V]
AC85 - 264
AC170 - 264
AC85 - 264
AC170 - 264
MAX OUTPUT WATTAGE[W]
*1 300
500
500
750
DC OUTPUT VOLTAGE[V]
*2 360
SPECIFICATIONS
MODEL
DPG500
DPG750
INPUT
VOLTAGE[V]
AC85 - 264 1f
AC170 - 264 1f
AC85 - 264 1f
AC170 - 264 1f
POWER FACTOR CORRECTION RANGE[V] AC85 - 264 1f
CURRENT[A]
3.47typ (ACIN 100V)
2.86typ (ACIN 200V)
5.72typ (ACIN 100V)
4.24typ (ACIN 200V)
FREQUENCY[Hz]
50/60 (47 - 63) Hz
INRUSH CURRENT[A]
Limited by external resistance
EFFICIENCY[%]
92typ (ACIN 100V)
95typ (ACIN 200V)
93typ (ACIN 100V)
96typ (ACIN 200V)
POWER FACTOR
0.96typ (ACIN 100V)
0.93typ (ACIN 200V)
0.96typ (ACIN 100V)
0.93typ (ACIN 200V)
LEAKAGE CURRENT[mA]
0.75 max (60Hz, According to IEC60950 and DEN-AN)
OUTPUT
WATTAGE[W]
*1 300
500
500
750
VOLTAGE[V]
*2 360
VOLTAGE ACCURACY
*3
±2%
PROTECTION
CIRCUIT AND
OTHERS
OVERVOLTAGE PROTECTION[V] DC400 - 450V The power factor corrector function stops
ENA
*4 Enable signal, Open-drain output, Maximum sink current 10mA, Maximum allowance voltage 35V
OTHERS
*5 Parallel operation impossible , Thermal protection
ISOLATION
INPUT-OUTPUT
Non isolated
INPUT, OUTPUT-FG
AC2,800V 1minute Cutoff current = 10mA, DC500V, 50MW min (20
±15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-40 to +85C, 20 - 95%RH (Non condensing) (Refer to DERATING CURVE) 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-40 to +100C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1, EN50178 Complies with DEN-AN and IEC60950-1
HARMONIC ATTENUATOR
Complies with IEC61000-3-2 *6
OTHERS
CASE SIZE/WEIGHT
58.4X12.7X61mm [2.3X0.5X2.4 inches] (WXHXD) / 100g max
COOLING METHOD
Conduction cooling (e.g. heat radiation from the aluminum base plate to the attached heat sink)
*1
Refer to Input voltage derating.
*2
When the input voltage is more than 240V, the output voltage becomes the value proportional to the input voltage.
*3
The value included the output setting and the line regulation, the load regulation and the temperature regulation.
However, the input voltage is less than 240V.
*4
Refer to the instruction Manual.
*5
The thermal protection stops the power factor corrector function and the ENA signal.
*6
Please contact us about class C.
DPG


Similar Part No. - DPG500

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG DUBILIER-DPG Datasheet
302Kb / 4P
ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
logo
TE Connectivity Ltd
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
Roithner LaserTechnik G...
DPG ROITHNER-DPG Datasheet
39Kb / 1P
easy and affordable generating of technical patterns with a laser beam
logo
Data Delay Devices, Inc...
DPG-41 DATADELAY-DPG-41 Datasheet
109Kb / 1P
DELAYED PULSE GENERATOR
logo
TT Electronics.
DPG-B TTELEC-DPG-B Datasheet
401Kb / 7P
Digital Pressure Gauge
Rev - 06/2019
More results

Similar Description - DPG500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GHA300F ETC2-GHA300F Datasheet
531Kb / 4P
AC-DC Power Supplies Medical type
logo
RSG Electronic Componen...
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA15F RSG-PBA15F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA75F RSG-PBA75F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
TUNS50 RSG-TUNS50 Datasheet
110Kb / 4P
AC-DC Power Supplies Power Module type
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com