Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LET9150 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LET9150
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9150 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LET9150 Datasheet HTML 2Page - STMicroelectronics LET9150 Datasheet HTML 3Page - STMicroelectronics LET9150 Datasheet HTML 4Page - STMicroelectronics LET9150 Datasheet HTML 5Page - STMicroelectronics LET9150 Datasheet HTML 6Page - STMicroelectronics LET9150 Datasheet HTML 7Page - STMicroelectronics LET9150 Datasheet HTML 8Page - STMicroelectronics LET9150 Datasheet HTML 9Page - STMicroelectronics LET9150 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical performances
LET9150
6/12
Doc ID 16369 Rev 6
4
Typical performances
Figure 3.
Gain vs output power and bias
current @ f= 860 MHz, Vdd = 32 V
Figure 4.
Output power and efficiency vs
input power
Figure 5.
Gain and efficiency vs output
power @ f= 860 MHz, Vdd = 32 V,
Idq= 600 mA
Figure 6.
Output power vs drain supply
voltage
Pout
140
100
60
20
0
Pin(W)
(W)
1
180
0.5
1.5
2
2.5
60
40
20
0
80
Eff. (%)
Efficiency
Pout
AM07296v1
Freq = 860 MHz
Vdd = 32 V
Idq = 600 mA
Gain
Efficiency
Gain
22
18
14
10
0
Pout(W)
(dB)
40
80
120
160
Eff. (%)
70
50
30
10
AM07297v1
Freq = 860 MHz
Idq = 600 mA
Pin = 1 W
Pin = 2.8 W
Pin = 0.5 W
Pin = 1.6 W
Pout
160
120
80
40
26
Vdd(V)
(W)
30
28
32
34
36
AM07298v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com