Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LET9150 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LET9150
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9150 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LET9150 Datasheet HTML 3Page - STMicroelectronics LET9150 Datasheet HTML 4Page - STMicroelectronics LET9150 Datasheet HTML 5Page - STMicroelectronics LET9150 Datasheet HTML 6Page - STMicroelectronics LET9150 Datasheet HTML 7Page - STMicroelectronics LET9150 Datasheet HTML 8Page - STMicroelectronics LET9150 Datasheet HTML 9Page - STMicroelectronics LET9150 Datasheet HTML 10Page - STMicroelectronics LET9150 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LET9150
Test circuit
Doc ID 16369 Rev 6
7/12
5
Test circuit
Figure 7.
Test circuit schematic
Table 7.
Test circuit component part list
Item
Qty.
Part number
Vender
Description
R1, R3
2
CR1206-8W-130JB
VENKEL
1.2 K
Ω, 1/8 W surface mount chip resistor
R2,R4
2
CR1206-8W-122JB
VENKEL
13
Ω, 1/8 W surface mount chip resistor
FB1,2,3,4,4,6
2
2743021447
FAIR-RITE
CORP
Surface mount EMI sheild bead
C1,C2,C5,C6
4
100 µF, 63 V electrolytic capacitor
C3,C4,C7,C8
4
ATC100B200XXXX
ATC
20 pF chip capacitor
C9,C10
2
ATC200B203MW
ATC
20000 pF chip capacitor
C11, C12
2
ATC100B510XXXX
ATC
51 pF chip capacitor
C13,17
2
27291PC
JOHANSON
0.8-8 pF giga trim variable capacitor
C14,15
2
ATC100B130XXXX
ATC
13 pF chip capacitor
C16
1
JOHANSON
0.6-4.5 pF giga trim variable capacitor
C18,19
1
ATC100B1R3XXXX
ATC
1.3 pF chip capacitor
C20,C21
1
ATC100B180XXXX
ATC
18 pF chip capacitor
B1,B2
2
EZ 141
HUBER-
SUHNER
BALUN , 50
Ω SUCOFORM, OD 0.141. 2.37 LG
coaxial cable or equivalent
TL21, TL22
2
L= 0.200in [5.08mm]
W=0.082in [2.08mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com