Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP4012B Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # OP4012B
Description  644.53125 MHz Optical Timing Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4012B Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  OP4012B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.RFM.com E-mail: info@rfm.com
Page 6 of 7
©2008-2010 by RF Monolithics, Inc.
OP4012B - 2/4/10
SMC-8
8-Terminal Surface Mount Case
A
B
N
J
L
(X2)
D
(X8)
K
(X8)
C
H
G
M
(X3)
E
F
Dimension
mm
Inches
MIN
MAX
MIN
MAX
A
13.46
13.97
0.530
0.550
B
9.14
9.66
0.360
0.380
C
1.93 Nominal
0.076 Nominal
D
3.56 Nominal
0.141 Nominal
E
2.24 Nominal
0.088 Nominal
F
1.27 Nominal
0.050 Nominal
G
2.54 Nominal
0.100 Nominal
H
3.05 Nominal
0.120 Nominal
J
1.93 Nominal
0.076 Nominal
K
5.54 Nominal
0.218 Nominal
L
4.32 Nominal
0.170 Nominal
M
4.83 Nominal
0.190 Nominal
N
0.50 Nominal
0.020 Nominal
ELECTRICAL CONNECTIONS
Terminal
Number
Connection
1VCC
2
Ground
3
Enable/Disable
4
Q Output
5
Q Output
6
Ground
7
8
Tuning Input
LID
Ground
Typically 0.01" to 0.05" or 0.25 mm to
1.25 mm (8 Places)
(The optimum value of this dimension is
dependent on the PCB assembly process
employed.)
Typical Printed Circuit Board Land Pattern
A typical land pattern for a circuit board is shown on the right.
Grounding of the metallic center pad is optional.
1
2
3
4
8
7
6
5
TOP VIEW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com