Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP4012B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # OP4012B
Description  644.53125 MHz Optical Timing Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4012B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  OP4012B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OP4012B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 7
©2008-2010 by RF Monolithics, Inc.
OP4012B - 2/4/10
• Quartz SAW Stabilized Differential Output Technology
• Very Low Jitter Fundamental-Mode Operation at 644.53125 MHz
• Voltage Tunable for Phase Locked Loop Applications
• Timing Reference for 10G Optical Ethernet Communications Systems
• Complies with Directive 2002/95/EC (RoHS)
The OP4012B is a voltage-controlled SAW clock (VCSC) designed for phase-locked loop (PLL) applications
in optical data communications systems. The differential outputs of the OP4012B are generated by high-Q,
fundamental mode quartz surface acoustic wave (SAW) technology. This technique provides very low output
jitter and phase noise, plus excellent immunity to power supply noise. The OP4012B differential outputs
feature ±1% symmetry, and can be DC-configured to drive a wide range of high-speed logic families. The
OP4012B is packaged in a hermetic metal-ceramic LCC.
Absolute Maximum Ratings
Rating
Value
Units
DC Suppy Voltage
0 to 5.5
Vdc
Tuning Voltage
0 to 5.5
Vdc
Case Temperature
-55 to 100
°C
644.53125 MHz
Optical
Timing Clock
OP4012B
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
COCOM CAUTION: Approval by the U.S. Department of Commerce is required prior to export of this device.
Notes:
1.
Unless otherwise noted, all specifications include the combined effects of load VSWR, VCC and TC.
2.
Net tuning range after tuning out the effects of initial manufacturing tolerances, VSWR pushing/pulling, VCC, TC and aging.
3.
The internal design, manufacturing processes, and specifications of this device are subject to change without notice.
4.
Specified only for a balanced load with a VSWR < 1.2 ( 50 ohms each side), and a VCC = 3.0 Vdc.
5.
Symmetry is defined as the width in (% of total period) measure at 50% of the peak-to-peak voltage of either output.
6.
Jitter and other noise outputs due to power supply noise or mechanical vibration are not included in this specification except where noted.
7.
Applies to period jitter of either differential output. Measured with a Tektronix CSA803 signal analyzer with at least 1000 sample.
8.
One or more of the following United States patents apply: 4, 616,197; 4,670,681; 4,760,352.
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
Absolute Frequency
fO
1
644.53125
MHz
Tuning Range
2
±100
ppm
Tuning Voltage
1
0
3.3
V
Tuning Linearity
1, 8
±5
%
Tuning Sensitivity
df/dv
2
100
260
ppm/V
Modulation Bandwidth
125
265
kHz
Q and Q Output
Voltage into 50
Ω (VSWR<1.2)
VO
1,3
0.60
1.1
VP-P
Operating Load VSWR
1,3
2:1
Symmetry
3, 4, 5
49
51
%
Harmonic Spurious
3, 4, 6
-30
dBc
Nonharmonic Spurious
3, 4, 6, 7
-60
dBc
Phase Noise
@ 100 Hz offset
3, 6
-70
dBc/Hz
@ 1 kHz offset
3, 6
-100
dBc/Hz
@ 10 kHz offset
3, 6
-125
dBc/Hz
Noise Floor
3, 6
-150
dBc/Hz
Q and Q Jitter
RMS Jitter
3, 4, 6, 7
2
ps
No Noise on VCC
3, 4, 6, 7
12
psP-P
200 mVP-P Noise, from 1 MHz to ½ fO on VCC
312
psP-P
Input Impedence (Tuning Port)
1K
Output DC Resistance (between Q & Q)1, 3
50
K
DC Power Supply
Operating Voltage
VCC
1, 3
3.13
3.3 or 5.0
5.25
Vdc
Operating Current
ICC
1, 3
70
mA
Operating Case Temperature
TC
1, 3
-40
+85
°C
Lid Symbolization (YY=Year, WW=Week)
RFM OP4012B YYWW
SMC-08
2 >


Similar Part No. - OP4012B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4012B RFM-OP4012B Datasheet
254Kb / 7P
644.53125 MHz Optical Timing Clock
More results

Similar Description - OP4012B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
666.51 MHz Optical Timing Clock
OP4012B RFM-OP4012B Datasheet
254Kb / 7P
644.53125 MHz Optical Timing Clock
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
780.881 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
663.552 MHz Optical Timing Clock
OP4011B MURATA-OP4011B Datasheet
73Kb / 2P
719.734 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
693.48342 MHz Optical Timing Clock
OP4017B MURATA-OP4017B Datasheet
71Kb / 2P
777.60 MHz Optical Timing Clock
OP4018B1 MURATA-OP4018B1 Datasheet
626Kb / 2P
718.864 MHz Optical Timing Clock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com