Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST1S32 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1S32
Description  4 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1S32 Datasheet HTML 3Page - STMicroelectronics ST1S32 Datasheet HTML 4Page - STMicroelectronics ST1S32 Datasheet HTML 5Page - STMicroelectronics ST1S32 Datasheet HTML 6Page - STMicroelectronics ST1S32 Datasheet HTML 7Page - STMicroelectronics ST1S32 Datasheet HTML 8Page - STMicroelectronics ST1S32 Datasheet HTML 9Page - STMicroelectronics ST1S32 Datasheet HTML 10Page - STMicroelectronics ST1S32 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ST1S32
Functional description
Doc ID 023246 Rev 1
7/29
4
Functional description
The ST1S32 is based on a “peak current mode”, constant frequency control. The output
voltage VOUT is sensed by the Feedback pin (FB) compared to an internal reference (0.8 V)
providing an error signal that, compared to the output of the current sense amplifier, controls
the ON and OFF time of the power switch.
The main internal blocks are shown in the block diagram in Figure 3. They are:
●
A fully integrated oscillator that provides the internal clock and the ramp for the slope
compensation avoiding sub-harmonic instability
●
The soft-start circuitry to limit inrush current during the startup phase
●
The transconductance error amplifier
●
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switches
●
The drivers for embedded P-channel and N-channel Power MOSFET switches
●
The high-side current sensing block
●
The low-side current sense to implement diode emulation
●
A voltage monitor circuitry (UVLO) that checks the input and internal voltages
●
A thermal shutdown block, to prevent thermal run-away.
Figure 3.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com