Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGP35N35LZ Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP35N35LZ
Description  Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP35N35LZ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP35N35LZ Datasheet HTML 3Page - STMicroelectronics STGP35N35LZ Datasheet HTML 4Page - STMicroelectronics STGP35N35LZ Datasheet HTML 5Page - STMicroelectronics STGP35N35LZ Datasheet HTML 6Page - STMicroelectronics STGP35N35LZ Datasheet HTML 7Page - STMicroelectronics STGP35N35LZ Datasheet HTML 8Page - STMicroelectronics STGP35N35LZ Datasheet HTML 9Page - STMicroelectronics STGP35N35LZ Datasheet HTML 10Page - STMicroelectronics STGP35N35LZ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID12253 Rev 6
7/18
STGB35N35LZ, STGP35N35LZ
Electrical characteristics
18
Figure 6. Output characteristics (TJ = 175 °C)
Figure 7. Transfer characteristics
Figure 8. Collector cut-off current vs
temperature
Figure 9. Normalized collector emitter voltage
vs temperature
0
20
40
60
80
01
23
4
5
V
CE (V )
I
C (A )
V
GE = 2.5 V
V
GE = 3 V
V
GE = 3.5 V
V
GE = 4 V
V
GE = 5 V
V
GE = 4.5 V
0
20
40
60
80
12
345
V
GE (V)
I
C (A)
V
CE = 5 V
T
J = 25 °C
T
J = 175 °C
T
J = -40 °C
0.01
0.1
1
10
100
-50
-25
0
25
50
75
100
125
150
175
T
J
(°C)
I
CES (μA)
V
CE
= 200 V
V
CE =
250 V
V
GE
= 0 V
0.980
0.985
0.990
0.995
1.000
1.005
1.010
-50
-25
0
25
50
75
100
125
150
175
T
J
(°C)
V
CES
(norm)
V
GE =
0 V
I
C
= 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com