Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGP35N35LZ Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP35N35LZ
Description  Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP35N35LZ Datasheet(HTML) 1 Page - STMicroelectronics

  STGP35N35LZ Datasheet HTML 1Page - STMicroelectronics STGP35N35LZ Datasheet HTML 2Page - STMicroelectronics STGP35N35LZ Datasheet HTML 3Page - STMicroelectronics STGP35N35LZ Datasheet HTML 4Page - STMicroelectronics STGP35N35LZ Datasheet HTML 5Page - STMicroelectronics STGP35N35LZ Datasheet HTML 6Page - STMicroelectronics STGP35N35LZ Datasheet HTML 7Page - STMicroelectronics STGP35N35LZ Datasheet HTML 8Page - STMicroelectronics STGP35N35LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
May 2013
DocID12253 Rev 6
1/18
STGB35N35LZ
STGP35N35LZ
Automotive-grade 345 V internally clamped IGBT, E
AS
450 mJ
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Low threshold voltage
• Low on-voltage drop
• High voltage clamping feature
• Logic level gate charge
• ESD gate-emitter protection
• Gate and gate-emitter integrated resistors
Application
• Automotive ignition
Description
This application specific IGBT utilizes the most
advanced PowerMESH™ technology. The built-in
Zener diodes between gate-collector and gate-
emitter provide overvoltage protection
capabilities. The device also exhibits low on-state
voltage drop and low threshold drive for use in
automotive ignition system.
D²PAK
I²PAK
1
3
TAB
1
2
3
TAB
TO-220
1
2
3
TAB
C (2 or TAB)
E (3)
G (1)
RG
RGE
SC30180
Table 1. Device summary
Order codes
Marking
Package
Packaging
STGB35N35LZ-1
GB35N35LZ
I²PAK
Tube
STGB35N35LZT4
GB35N35LZ
D²PAK
Tape and reel
STGP35N35LZ
GP35N35LZ
TO-220
Tube
www.st.com


Similar Part No. - STGP35N35LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
35 A, 600 V Ultrafast IGBT
06-Nov-2012
More results

Similar Description - STGP35N35LZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
logo
STMicroelectronics
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
05-Oct-2016
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
21-Feb-2018
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
13-Feb-2018
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
10 A - 410 V internally clamped IGBT
06-Nov-2009
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
11-Jan-2021
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
20-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com