Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DR340-3-103 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # DR340-3-103
Description  SHIELDED POWER INDUCTOR DR340-3 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR340-3-103 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  DR340-3-103 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR340-3-103 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
November 8, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 2 of 2
1
2
XXX
.311
7,90
.197
5,00
.472
12,00
.472
12,00
.236 Max.
6,00
.504
12,80
.212
5,40
.275
7,00
1
2
SCHEMATIC
SHIELDED POWER INDUCTOR DR340-3 SERIES
MECHANICAL OUTLINE
NOTES:
1.
All dimensions are shown in inches/millimeters
2.
Unless otherwise specified, tolerance = Inches: ±0.012
= Millimeters: ±0,30
3.
IDC MAX based on the inductance being 75% of its initial value
4.
Tape & reel quantity, 500 pcs/reel
5.
Inductance tolerance values: 1.3µH – 7.5µH = +30% / -20%
6.
Terminal finish is compliant to RoHS requirements
7.
Solder in accordance with J-STD-002 Rev. D
8.
Non-RoHS series parts 42-340-3-XXX are finished with leaded solder Sn60Pb40 or equivalent



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com