Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DR340-3-103 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR340-3-103
Description  SHIELDED POWER INDUCTOR DR340-3 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR340-3-103 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR340-3-103 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR340-3-103 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
November 8, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 1 of 2
SHIELDED POWER INDUCTOR DR340-3 SERIES
Features
Maximum Height: 6.0mm
Footprint: 12mm x 12mm Max.
Inductance Range from 1.3µH to 1.0mH
Non-RoHS Versions are Available
(Note 8)
ELECTRICAL SPECIFICATIONS AT 25°C
OPERATING TEMPERATURE -20°C to +80°C
Part Number
Inductance (µH) ± 20%
Test Frequency
DCR (Ω) Max.
IDC (A) Max.
DR340-3-132
1.3
7.96MHz
0.012
8.0
DR340-3-212
2.1
7.96MHz
0.014
7.0
DR340-3-312
3.1
7.96MHz
0.017
6.0
DR340-3-442
4.4
7.96MHz
0.020
5.0
DR340-3-582
5.8
7.96MHz
0.021
4.4
DR340-3-752
7.5
7.96MHz
0.024
4.2
DR340-3-103
10
1kHz
0.025
4.0
DR340-3-123
12
1kHz
0.027
3.5
DR340-3-153
15
1kHz
0.030
3.3
DR340-3-183
18
1kHz
0.034
3.0
DR340-3-223
22
1kHz
0.036
2.8
DR340-3-273
27
1kHz
0.051
2.3
DR340-3-333
33
1kHz
0.057
2.1
DR340-3-393
39
1kHz
0.068
2.0
DR340-3-473
47
1kHz
0.075
1.8
DR340-3-563
56
1kHz
0.110
1.7
DR340-3-683
68
1kHz
0.120
1.5
DR340-3-823
82
1kHz
0.140
1.4
DR340-3-104
100
1kHz
0.160
1.3
DR340-3-124
120
1kHz
0.170
1.1
DR340-3-154
150
1kHz
0.230
1.0
DR340-3-184
180
1kHz
0.290
0.9
DR340-3-224
220
1kHz
0.400
0.8
DR340-3-274
270
1kHz
0.460
0.75
DR340-3-334
330
1kHz
0.510
0.68
DR340-3-394
390
1kHz
0.690
0.65
DR340-3-474
470
1kHz
0.770
0.58
DR340-3-564
560
1kHz
0.860
0.54
DR340-3-684
680
1kHz
1.200
0.48
DR340-3-824
820
1kHz
1.340
0.43
DR340-3-105
1000
1kHz
1.530
0.40


Similar Part No. - DR340-3-103

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-3-103 DATATRONICS-DR340-3-103 Datasheet
124Kb / 2P
SHIELDED POWER INDUCTOR
More results

Similar Description - DR340-3-103

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
DR340-1 DATATRONICS-DR340-1_14 Datasheet
113Kb / 2P
SHIELDED POWER INDUCTOR DR340-1 SERIES
DR340-2 DATATRONICS-DR340-2_14 Datasheet
108Kb / 1P
SHIELDED POWER INDUCTOR DR340-2 SERIES
DR340-4 DATATRONICS-DR340-4_14 Datasheet
92Kb / 2P
SHIELDED POWER INDUCTOR DR340-4 SERIES
DR340-5 DATATRONICS-DR340-5_14 Datasheet
92Kb / 2P
SHIELDED POWER INDUCTOR DR340-5 SERIES
DR340-6 DATATRONICS-DR340-6_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR340-6 SERIES
DR350-3 DATATRONICS-DR350-3_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR350-3 SERIES
DR357-3 DATATRONICS-DR357-3_14 Datasheet
104Kb / 1P
SHIELDED SMD INDUCTOR DR357-3 SERIES
DR358-3 DATATRONICS-DR358-3_14 Datasheet
99Kb / 1P
SHIELDED SMD INDUCTOR DR358-3 SERIES
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com