Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP810SAT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLP810SAT
Description  8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP810SAT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP810SAT Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC suppression joule rating
3240
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
150V
UL1449 let through rating
330/400/400
EMI / RFI filtering
Up to 40 dB
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Telephone/DSL Protection Details
1 line
Cable (Coax) Protection
Yes
Cable (Coax) Protection Details
2 line (2.2 GHz Bandwidth)
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
11.41 x 8.66 x 2.04
Shipping Dimensions (HWD/cm)
29 x 22 x 5.18
Shipping weight (lbs)
2.18
Shipping weight (kg)
1
Unit Dimensions (HWD/in)
4.86 x 9.55 x 1.51
Unit Dimensions (HWD/cm)
12.34 x 24.3 x 3.83
Unit weight (lbs)
2.02
Unit weight (kg)
.92
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Black
Receptacle Color
Black
AC line cord color
Black
Style
Strip
Outlets center to center
measurement
Distance between standard outlets = 28.5mm; Distance between transformer outlets = 57mm
Keyhole slot center to center
measurement
Distance between horizontal tabs = 75mm; Distance between vertical tabs = 41.6mm
SPECIAL FEATURES
Right-Angle Plug
Yes
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com