Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP810SAT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP810SAT
Description  8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP810SAT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP810SAT Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax
protection - Protect It! Surge Suppressor
MODEL NUMBER: TLP810SAT
Description
Tripp Lite's TLP810SAT Surge Suppressor offers complete AC, telephone and coax line surge suppression on
two lines for comprehensive system protection of home theaters, A/V systems and desktop PCs. Heavy grade
AC surge suppression shields connected equipment from damage and performance problems due to the
heaviest transient surges. Two sets of 2.2GHz gold coax connectors for cable-TV, satellite, broadcast antenna or
cable modems. Set of RJ11 jacks offers surge suppression for pay-per-view satellite systems, dial-up and DSL
modems, fax machines and cordless phones. TLP810SAT offers 8 total outlets, 10-foot cord with space-saving
angled plug and diagnostic LEDs with audible alarm to warn of wiring problems and suppressor damage.
Network grade AC suppression rated at 3240 joules shields equipment from surges and line noise. Integrated child-safety outlet covers safely seal off unused
outlets. Attractive black suppressor housing with keyhole mounting tabs and 3 designated transformer plug outlets offers convenient protection of entire home
theatre, a/v and computer equipment and accessories. $250,000 Ultimate Lifetime Insurance (USA & Canada only)
PLUG/OUTLETS: Input: NEMA5-15P/Output: 8 NEMA5-15R/10-ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with transformer-spaced outlets
SUPPRESSION: AC: 150V RMS Clamping/3570 joules
PHONE: Set of phone jacks (RJ11, 2-wire, 1 line)
COAX: 2 Sets 2.2GHz gold coax jacks
Features
3240 joules AC surge suppression shields equipment from the strongest surges and line noise
8 AC outlets with room for 3 transformer plugs without blocking outlets covers computers and all peripherals
Phone line surge suppression protects both dialup and DSL modems, plus fax machines, cordless phones and more (pair of RJ11 jacks, 2-wire, 1 line,
includes 6-ft. phone cable)
Two sets of coax jacks protect cable modems, plus satellite, cable TV and broadcast antennas (includes 6-ft. coax cable)
Long 10 foot AC line cable with space-saving angle input plug conveniently reaches distant outlets
Lighted power switch with integrated 15A circuit breaker offers power control and overload protection
Integrated child-safety sliding outlet covers safely seal off all unused outlets
Highlights
8 outlets / 10-ft. cord
3240 joule rating
2 sets of 2.2GHz gold
coaxial/satellite surge protection
jacks bandwidths)
Modem/fax surge protection
$250,000 Ultimate Lifetime
Insurance (USA & Canada only)
Applications
Ideal for home theater, satellite or
cable TV applications requiring
AC protection and coax line
suppression. Also compatible
with desktop computer
applications requiring AC plus
dialup or cable modem
protection.
Package Includes
TLP810SAT Surge Suppressor
6-ft. telephone cable
Two 6-ft. coax cables
Instruction manual with warranty
information
1 / 4


Similar Part No. - TLP810SAT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP810 TOSHIBA-TLP810 Datasheet
299Kb / 7P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
logo
List of Unclassifed Man...
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
More results

Similar Description - TLP810SAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOTEL4ULTRA ETC2-ISOTEL4ULTRA Datasheet
506Kb / 5P
4-outlet, 6-ft cord, 3330 joules, Modem/fax protection, All metal housing Isobar Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
TLP128TTUSBB TRIPPLITE-TLP128TTUSBB Datasheet
174Kb / 4P
Protect It! 12-Outlet Surge Protector - 8 ft. (2.43m) Cord, 4320 Joules, Tel/Modem/Coax Protection, 2 USB Ports, Black
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com