Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSMTC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSMTC
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMTC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSMTC Datasheet HTML 1Page - Wall Industries,Inc. PSMTC Datasheet HTML 2Page - Wall Industries,Inc. PSMTC Datasheet HTML 3Page - Wall Industries,Inc. PSMTC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev E
PSMTC SERIES
15 Watt Medical AC/DC Switching Power Supplies
10/24/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
TECHNICAL SPECIFICATIONS: PSMTC SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage
DC input voltage range
120
375
VDC
Input Frequency
47
440
Hz
At 115VAC and full load
220
Input Current
At 230VAC and full load
118
mA
At 115VAC
10
Standard Models
At 230VAC
20
A
At 115VAC
23
Inrush Current (<2ms)
-E1 Suffix Models
At 230VAC
46
A
External Fuse (recommended)
2.0A slow blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
See Table
Line Regulation
Low Line to High Line
See Table
Load Regulation
See Table
Cross Regulation
See Table
Output Power
15
W
Output Current
See Table
Minimum Load
See Table
Ripple & Noise
Measured at 20MHz BW with 0.1µF and 47µF capacitors in parallel
1
%Vo
Max Capacitive Load
See Table
Hold-Up Time
20
ms
Temperature Coefficient
±0.01
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Voltage Protection
Zener diode clamp
Over Current Protection
Above 105% rated output power
Over Temperature Protection
100
°C
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
132
KHz
Isolation Voltage (Input to Output)
4000
VAC
At 115VAC and full load
0.1
Earth Ground Leakage Current
At 230VAC and full load
0.2
mA
At 240VAC, 63Hz, and full load
0.055
Enclosure Leakage Current
At 264VAC, 63Hz, and full load
0.06
mA
ENVIRONMENTAL SPECIFICATIONS
Standard Models
-25
+70
Operating Temperature
-E1 Suffix Models
-40
+70
°C
Case Temperature
+95
°C
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Cooling
Free air convection
MTBF
At 25°C
200,000
400,000
hours
PHYSICAL SPECIFICATIONS
Weight
4.23oz (120g)
Case Material
Flammability to UL 94V-0
Plastic resin + fiberglass
Dimensions (L x W x H)
2.52 x 1.79 x 0.92 inch (64.0 x 45.6 x 23.5 mm)
SAFETY & EMC
Class II
To IEC / EN 60536
EMI
EN55011 Class B
EMC Standards
EN60601-1-2
ESD Susceptibility
EN60601-1-2
Radiated Susceptibility
EN60601-1-2
EFT / Burst
EN60601-1-2
Surge
EN60601-1-2
Conducted Susceptibility
EN60601-1-2
Safety Approvals
UL/cUL60601-1, IEC60601-1, EC60601-1, CB
Approvals
ANSI/AAMI ES 60601-1: 2005, 1st Edition and CAN/CSA-C22.2 No. 60601-1:08, 2nd Edition, MOPP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com