Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSMTC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSMTC
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMTC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSMTC Datasheet HTML 1Page - Wall Industries,Inc. PSMTC Datasheet HTML 2Page - Wall Industries,Inc. PSMTC Datasheet HTML 3Page - Wall Industries,Inc. PSMTC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev E
PSMTC SERIES
15 Watt Medical AC/DC Switching Power Supplies
10/24/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
BLOCK DIAGRAMS
Single Output
Dual Output
O.C.P.
DETECT
+V
-V
L
N
O.C.P.
DETECT
+V
COM
-V
L
N
Triple Output
O.C.P.
DETECT
L
N
+5V
G
+V
COM
-V
DERATING CURVES
Standard Models
“-E1” Suffix Models
0
20
40
60
80
100
120
-25
-20
0
20
40
60
70 80
100
Ambient Temperature (°C)
50
50
0
20
40
60
80
100
120
-40
-20
0
20
40
60 70 80
100
Ambient Temperature (°C)
50
25%
-25
Triple Output Models
90
Others



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com