Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSMAD100 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSMAD100
Description  AC/DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMAD100 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSMAD100 Datasheet HTML 1Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 2Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 3Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 4Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 5Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 6Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 7Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wall Industries, Inc.
Rev C
PSMAD100 SERIES
100 Watt, Medical AC/DC Power Supplies
05/22/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 8
SPECIFICATIONS: PSMAD100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input
85
264
VAC
Operating Input Voltage Range
DC input
120
370
VDC
Input Frequency
AC input
47
63
Hz
115VAC and full load
1.15
Input Current
230VAC and full load
0.55
A
No load Input Power
230VAC
0.3
W
Input Inrush Current
230VAC
60
A
Power Factor Correction
0.95
Input Protection
Internal fuse in line and neutral
T3.15A / 250VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Initial Set Voltage Accuracy
230VAC and full load
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
No load to full load
-0.5
+0.5
Load Regulation
10% load to 90% load
-0.4
+0.4
%
Voltage Adjustability
-10
+10
%
Output Power
100
W
Output Current
See Table
Minimum Load
0
%
With 10µF/25V 1206 X7R MLCC capacitor
12V output model
120
With 10µF/25V 1206 X7R MLCC capacitor
15V output model
150
With 1µF/50V 1206 X7R MLCC capacitor
24V output model
160
With 1µF/50V 1206 X7R MLCC capacitor
28V output model
180
With 1µF/50V 1206 X7R MLCC capacitor
36V output model
190
Ripple & Noise (20MHz BW)
With 0.1µF/100V 1206 X7R MLCC capacitor
48V output model
340
mVp-p
Peak Deviation
3
% Vout
Transient Response
Load step from 50~75% change at 2.5A/µs
Recovery Time
500
µs
Start-Up Time
1000
ms
Rise Time
20
ms
Hold-up Time
115VAC and full load
16
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection
% of Vout (nom); latch mode
115
130
%
Over Load Protection
% of Iout rated; hiccup mode
115
150
%
Short Circuit Protection
Continuous, automatic recovery
GENERAL SPECIFICATIONS
Switching Frequency
60
kHz
Input to Output
4000
Input to FG
1500
Isolation Voltage
1 minute (2MOPP insulation)
Output to FG
1500
VAC
Isolation Resistance
500VDC
0.1
Leakage Current
264VAC
75
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com