Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSMAD100 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # PSMAD100
Description  AC/DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMAD100 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  PSMAD100 Datasheet HTML 1Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 2Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 3Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 4Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 5Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 6Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 7Page - Wall Industries,Inc. PSMAD100 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Wall Industries, Inc.
Rev C
PSMAD100 SERIES
100 Watt, Medical AC/DC Power Supplies
05/22/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 8
MECHANICAL DRAWING
ENCLOSED CASE MODELS (SUFFIX “-C”)
1
3
4
1
3.00 (76.2)
3.324 (84.44)
3.60 (91.4)
TOP VIEW
4-M3x0.5 Note 5
Hole for Setup
FRONT VIEW
SIDE VIEW
0.43 (10.8)
0.28 (7.2)
3.031 (76.99)
2.748 (69.8)
4-M3x0.5 Note 5
Hole for Setup
4-M3x0.5 Note 5
Hole for Setup
BOTTOM VIEW
NOTES
1. Unit: inches (mm)
2. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3. Pin Pitch Tolerance: ±0.01 (±0.25)
4. Pin Dimension Tolerance: ±0.004 (±0.1)
5. M3x0.5 screw locked torque MAX 5Kgf.cm/0.49N.m
6. CON1 and CON2 screw locked torque MAX 2Kgf.cm/0.2N.m
7. CON1 and CON2 wire dimensions range 26~16AWG
8. All dimensions are for reference only
CON 1 - Input Connector
Pin 1
Line
Pin 3
Neutral
Mates with JST housing VHR-3N
and JST Series SVH-21T-P1.1
crimp terminals
CON 2 - Output Connector
Pins 1, 2
-Vout
Pins 3, 4
+Vout
Mates with JST housing VHR-4N
and JST Series SVH-21T-P1.1
crimp terminals
Mounting holes marked with
must be connected to safety earth



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com