Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSPW500 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPW500
Description  AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW500 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPW500 Datasheet HTML 1Page - Wall Industries,Inc. PSPW500 Datasheet HTML 2Page - Wall Industries,Inc. PSPW500 Datasheet HTML 3Page - Wall Industries,Inc. PSPW500 Datasheet HTML 4Page - Wall Industries,Inc. PSPW500 Datasheet HTML 5Page - Wall Industries,Inc. PSPW500 Datasheet HTML 6Page - Wall Industries,Inc. PSPW500 Datasheet HTML 7Page - Wall Industries,Inc. PSPW500 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. C
PSPW500 Series
500 Watts with Forced Air
Active PFC, Single Outputs
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 8
SAFETY
Safety Requirements
UL60950-1, CSA-C22.2 No.950-1, TUV EN60950-1, and CB IEC60950-1 standards
Electromagnetic Compatibility
Tests of conformance for this requirement will be performed with host system.
FCC Requirements
The power supply complies with the FCC Part 15 limits
CE Requirements
The power supply complies with the “Class B” requirements of EN55022
U-CHASSIS MODELS (Suffix “U”)
Output Current
Output Power
(2)
Model
(1)
Input Voltage
Range
Output Voltage
Min Load
Max Load
(Convection)
Max Load
(30CFM Forced Air)
Convection
30CFM Forced Air
PSPW500B-1Y12-U (D)
90 ~ 264 VAC
12 VDC
0A
30A
41.67A
360W
500W
PSPW500B-1Y24-U (D)
90 ~ 264 VAC
24 VDC
0A
15A
20.84A
360W
500W
PSPW500B-1Y30-U (D)
90 ~ 264 VAC
30 VDC
0A
12A
16.67A
360W
500W
PSPW500B-1Y36-U (D)
90 ~ 264 VAC
36 VDC
0A
10A
13.89A
360W
500W
PSPW500B-1Y48-U (D)
90 ~ 264 VAC
48 VDC
0A
7.5A
10.42A
360W
500W
PSPW500B-1Y54-U (D)
90 ~ 264 VAC
54 VDC
0A
6.67A
9.26A
360W
500W
PSPW500B-1Y57-U (D)
90 ~ 264 VAC
57 VDC
0A
6.32A
8.78A
360W
500W
ENCLOSED WITH REAR-SIDE BUILT-IN FAN MODELS (Suffix “E”)
Output Current
Model
(1)
Input Voltage Range
Output Voltage
Min Load
Max Load
Output Power
(2)
PSPW500B-1Y12-E (D)
90 ~ 264 VAC
12 VDC
0A
41.67A
500W
PSPW500B-1Y24-E (D)
90 ~ 264 VAC
24 VDC
0A
20.84A
500W
PSPW500B-1Y30-E (D)
90 ~ 264 VAC
30 VDC
0A
16.67A
500W
PSPW500B-1Y36-E (D)
90 ~ 264 VAC
36 VDC
0A
13.89A
500W
PSPW500B-1Y48-E (D)
90 ~ 264 VAC
48 VDC
0A
10.42A
500W
PSPW500B-1Y54-E (D)
90 ~ 264 VAC
54 VDC
0A
9.26A
500W
PSPW500B-1Y57-E (D)
90 ~ 264 VAC
57 VDC
0A
8.78A
500W
ENCLOSED WITH TOP-SIDE BUILT-IN FAN MODELS (Suffix “F”)
Output Current
Model
(1)
Input Voltage Range
Output Voltage
Min Load
Max Load
Output Power
(2)
PSPW500B-1Y12-F (D)
90 ~ 264 VAC
12 VDC
0A
41.67A
500W
PSPW500B-1Y24-F (D)
90 ~ 264 VAC
24 VDC
0A
20.84A
500W
PSPW500B-1Y30-F (D)
90 ~ 264 VAC
30 VDC
0A
16.67A
500W
PSPW500B-1Y36-F (D)
90 ~ 264 VAC
36 VDC
0A
13.89A
500W
PSPW500B-1Y48-F (D)
90 ~ 264 VAC
48 VDC
0A
10.42A
500W
PSPW500B-1Y54-F (D)
90 ~ 264 VAC
54 VDC
0A
9.26A
500W
PSPW500B-1Y57-F (D)
90 ~ 264 VAC
57 VDC
0A
8.78A
500W
NOTES
1. Mechanical Options: The “U” suffix in the model number is for U-chassis type, “E” is for enclosed type with rear-side built-in fan, “F”
is for enclosed type with top-side built-in fan, and the “D” is for current sharing option.
2. U Type: 360W max. at +40°C ambient temp. and free air convection. 500W max. at +50°C ambient temp. and 30CFM forced air.
E Type: 500W max. at +50°C ambient temperature.
F Type: 500W max. at +50°C ambient temperature.
3. +5VSB/0.25A with convection cooling and +5VSB/1A with forced air cooling.
4. Ripple & Noise is measured at 20MHz bandwidth and with 0.1µF ceramic capacitor and 10µF/50V electrolytic capacitor bypassed at
the output connector at 5% to 100% full load and nominal line.
5. Preset accuracy should be less than 1% of nominal output voltage at 60% full load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com