Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSPW500 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPW500
Description  AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW500 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPW500 Datasheet HTML 1Page - Wall Industries,Inc. PSPW500 Datasheet HTML 2Page - Wall Industries,Inc. PSPW500 Datasheet HTML 3Page - Wall Industries,Inc. PSPW500 Datasheet HTML 4Page - Wall Industries,Inc. PSPW500 Datasheet HTML 5Page - Wall Industries,Inc. PSPW500 Datasheet HTML 6Page - Wall Industries,Inc. PSPW500 Datasheet HTML 7Page - Wall Industries,Inc. PSPW500 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 8
DATASHEET
Rev. C
PSPW500 SERIES
90~264VAC Input Voltage Range
500 Watts with Forced Airflow
Active PFC, Single Output
AC/DC Switching Power Supplies
FEATURES
 Active PFC
 Single Output
 90~264VAC Input Voltage Range
 500W with Forced Airflow
 83% Efficiency
 RoHS Compliant
 +5VSB/0.25A Convection Cooling, 1.0A Forced
Air Cooling
 +12V/1A DC Fan Output
 Optional High Efficiency OR-ing FET Diode Current
Share Option
 Short Circuit, Over Load, Over Voltage, and Over
Temperature Protection
 3 Mechanical Options Available: U-Chassis, Enclosed
with Rear Side Fan, Enclosed with Top Fan
 Remote Inhibit Function
 UL60950-1, CB IEC60950-1, and TUV EN60950-1
Safety Approvals
DESCRIPTION
The PSPW500 series of AC/DC switching power supplies consists of U-chassis (U type), enclosed with rear-side
built-in (E type), and enclosed with top-side built-in fan (F type) models. Built-in fan models offer 500W of
output power and U-chassis models offer 360W of output power with convection cooling and 500W with
30CFM forced airflow. All units have a single output, 90~264VAC full range input, and active PFC. These
supplies also have UL60601-1, TUV EN60601-1, CB IEC60601-1, and CE safety approvals. All models are
protected against short circuit, over load, over voltage, and over temperature conditions. This series also has a
current sharing option (suffix “D”).
Type U
Type E
Type F


Similar Part No. - PSPW500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPW040B-1Y05 WALL-PSPW040B-1Y05 Datasheet
122Kb / 2P
40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y12 WALL-PSPW060B-1Y12 Datasheet
122Kb / 2P
40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y15 WALL-PSPW060B-1Y15 Datasheet
122Kb / 2P
40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y19 WALL-PSPW060B-1Y19 Datasheet
122Kb / 2P
40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y24 WALL-PSPW060B-1Y24 Datasheet
122Kb / 2P
40-60 Watts AC/DC Open Frame Power Supply
More results

Similar Description - PSPW500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com