Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM706TAM6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM706TAM6F
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706TAM6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM706TAM6F Datasheet HTML 17Page - STMicroelectronics STM706TAM6F Datasheet HTML 18Page - STMicroelectronics STM706TAM6F Datasheet HTML 19Page - STMicroelectronics STM706TAM6F Datasheet HTML 20Page - STMicroelectronics STM706TAM6F Datasheet HTML 21Page - STMicroelectronics STM706TAM6F Datasheet HTML 22Page - STMicroelectronics STM706TAM6F Datasheet HTML 23Page - STMicroelectronics STM706TAM6F Datasheet HTML 24Page - STMicroelectronics STM706TAM6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
STM706T/S/R, STM706P, STM708T/S/R
Maximum ratings
Doc ID 10518 Rev 12
21/32
5
Maximum ratings
Stressing the device above the rating listed in the Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in Table 5: Operating and AC
measurement conditions of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
VIO
(2)
2.
Negative undershoot of –1.5 V for up to 10 ns or positive overshoot of VCC + 1.5 V for up to 10 ns is
allowable on the WDI and MR input pins.
Input or output voltage
–0.3 to VCC +0.3
V
VCC
Supply voltage
–0.3 to 7.0
V
IO
Output current
20
mA
PD
Power dissipation
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com