Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM706TAM6F Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM706TAM6F
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706TAM6F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM706TAM6F Datasheet HTML 20Page - STMicroelectronics STM706TAM6F Datasheet HTML 21Page - STMicroelectronics STM706TAM6F Datasheet HTML 22Page - STMicroelectronics STM706TAM6F Datasheet HTML 23Page - STMicroelectronics STM706TAM6F Datasheet HTML 24Page - STMicroelectronics STM706TAM6F Datasheet HTML 25Page - STMicroelectronics STM706TAM6F Datasheet HTML 26Page - STMicroelectronics STM706TAM6F Datasheet HTML 27Page - STMicroelectronics STM706TAM6F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
DC and AC parameters
STM706T/S/R, STM706P, STM708T/S/R
24/32
Doc ID 10518 Rev 12
Table 6.
DC and AC characteristics
Symbol
Description
Test condition(1)
Min.
Typ.
Max.
Unit
VCC
Operating voltage
1.2(2)
5.5
V
ICC
VCC supply current
VCC < 3.6 V
35
50
µA
VCC < 5.5 V
40
60
µA
ILI
Input leakage current
(WDI)
0 V < VIN < VCC
–1
+1
µA
Input leakage current
(PFI)
0 V < VIN < VCC
–25
2
+25
nA
Input leakage current
(MR)
VRST (max.) < VCC < 3.6 V
25
80
250
µA
4.5 V < VCC < 5.5 V
75
125
300
µA
VIH
Input high voltage (MR)
4.5 V < VCC < 5.5 V
2.0
V
VRST (max.) < VCC < 3.6 V
0.7 VCC
V
VIH
Input high voltage (WDI)
VRST (max.) < VCC < 5.5 V
0.7 VCC
V
VIL
Input low voltage (MR)
4.5 V < VCC < 5.5 V
0.8
V
VRST (max.) < VCC < 3.6 V
0.6
V
VIL
Input low voltage (WDI)
VRST (max.) < VCC < 5.5 V
0.3 VCC
V
VOL
Output low voltage (PFO,
RST, RST, WDO)
VCC = VRST (max.),
ISINK = 3.2 mA
0.3
V
VOL
Output low voltage (RST)
ISINK = 50 µA, VCC = 1.0 V,
TA = 0 °C to 85 °C
0.3
V
ISINK = 100 µA,
VCC = 1.2 V
0.3
V
VOH
Output high voltage (RST,
RST, WDO)
ISOURCE = 1 mA,
VCC = VRST (max.)
2.4
V
Output high voltage
(PFO)
ISOURCE = 75 µA,
VCC = VRST (max.)
0.8 VCC
V
Power-fail comparator
VPFI
PFI input threshold
PFI falling
(STM70xP/R, VCC = 3.0 V;
STM70xS/T, VCC = 3.3 V)
1.20
1.25
1.30
V
tPFD
PFI to PFO propagation
delay
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com