Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE1801BJR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 26Page - STMicroelectronics STMPE1801BJR Datasheet HTML 27Page - STMicroelectronics STMPE1801BJR Datasheet HTML 28Page - STMicroelectronics STMPE1801BJR Datasheet HTML 29Page - STMicroelectronics STMPE1801BJR Datasheet HTML 30Page - STMicroelectronics STMPE1801BJR Datasheet HTML 31Page - STMicroelectronics STMPE1801BJR Datasheet HTML 32Page - STMicroelectronics STMPE1801BJR Datasheet HTML 33Page - STMicroelectronics STMPE1801BJR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Interrupt system
STMPE1801
30/60
Doc ID 17884 Rev 3
NT_STA_GPIO
Interrupt status GPIO register
Address:
0D, 0E, 0F
Type:
R
Reset:
0x00
Description:
The interrupt status GPIO register monitors the status of the interruption from a
particular GPIO pin interrupt source to the host. The INT_STA_GPIO bits are
constantly updated regardless whether the INT_EN_GPIO_MASK bits are enabled or
not. The ISG[17:0] bits are the interrupt status bits correspond to the GPIO[17:0] pins.
76
5
4
3
2
1
0
INT_STA_GPIO_LOW
ISG7
ISG6
ISG5
ISG4
ISG3
ISG2
ISG1
ISG0
RR
R
R
R
R
R
R
00
0
0
0
0
0
0
15
14
13
12
11
10
9
8
INT_STA_GPIO_MID
ISG15
ISG14
ISG13
ISG12
ISG11
ISG10
ISG9
ISG8
RR
R
R
R
R
R
R
00
0
0
0
0
0
0
23
22
21
20
19
18
17
16
INT_STA_GPIO_HIGH
Reserved
ISG17
ISG16
RR
R
R
R
R
R
R
00
0
0
0
0
0
0
[17:0 ISG[x]
Interrupt status GPIO (where x = 17 to 0)
ISG[x] will be set to ‘1’ if an interrupt is detected on the corresponding GPIO pin.
Reading the INT_STA_GPIO register clears all interrupt status GPIO bits to ‘0’ which had been
set to ‘1’ prior to the read event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com