Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE1801BJR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 29Page - STMicroelectronics STMPE1801BJR Datasheet HTML 30Page - STMicroelectronics STMPE1801BJR Datasheet HTML 31Page - STMicroelectronics STMPE1801BJR Datasheet HTML 32Page - STMicroelectronics STMPE1801BJR Datasheet HTML 33Page - STMicroelectronics STMPE1801BJR Datasheet HTML 34Page - STMicroelectronics STMPE1801BJR Datasheet HTML 35Page - STMicroelectronics STMPE1801BJR Datasheet HTML 36Page - STMicroelectronics STMPE1801BJR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
STMPE1801
GPIO controller
Doc ID 17884 Rev 3
33/60
10.1
GPIO control registers
A group of registers is used to control the exact function of each of the 18 GPIOs.
All the GPIO registers are named as GPIO_xxx_yyy, where:
–
xxx represents the functional group
–
yyy represents the byte position of the GPIO (LOW/MID/HIGH)
–
LOW registers control GPIO[7:0]
–
MID registers control GPIO[8:15]
–
HIGH registers control GPIO[17:16]
10.1.1
Bit description
The function of each bit is shown in the following table:
76
5
4
3
2
1
0
GPIO_xxx_HIGH
RESERVED
IO-16
IO-17
GPIO_xxx_MID
IO-15
IO-14
IO-13
IO-12
IO-11
IO-10
IO-9
IO-8
GPIO_xxx_LOW
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
Register name
Description
Function
GPIO_MP_yyy
GPIO monitor pin state
Reading this bit yields the current state of the bit. Writing
has no effect.
GPIO_SET_yyy
GPIO set pin state
Writing ‘1’ to this bit causes the corresponding GPIO to go
to ‘1’ state. Writing ‘0’ has no effect.
GPIO_CLR_yyy
GPIO clear pin state
Writing ‘1’ to this bit causes the corresponding GPIO to go
to ‘0’ state. Writing ‘0’ has no effect.
GPIO_SET_DIR_yyy
GPIO set pin direction
‘0’ sets the corresponding GPIO to input state, and ‘1’ sets
it to output state.
GPIO_RE_yyy
GPIO rising edge
Set to ‘1’ enable rising edge detection on the
corresponding GPIO.
GPIO_FE_yyy
GPIO falling edge
Set to ‘1’ enable falling edge detection on the
corresponding GPIO.
GPIO_PULL_UP_yyy
GPIO pull up
Set to ‘1’ enable internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com