Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A7985ATR Datasheet(PDF) 36 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 32Page - STMicroelectronics A7985ATR Datasheet HTML 33Page - STMicroelectronics A7985ATR Datasheet HTML 34Page - STMicroelectronics A7985ATR Datasheet HTML 35Page - STMicroelectronics A7985ATR Datasheet HTML 36Page - STMicroelectronics A7985ATR Datasheet HTML 37Page - STMicroelectronics A7985ATR Datasheet HTML 38Page - STMicroelectronics A7985ATR Datasheet HTML 39Page - STMicroelectronics A7985ATR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Application ideas
A7985A
36/44
DocID023128 Rev 5
7
Application ideas
7.1
Positive buck-boost
The A7985A can implement the step-up/down converter with a positive output voltage.
Figure 34 shows the schematic: one Power MOSFET and one Schottky diode are added to
the standard buck topology to provide a 12 V output voltage with input voltage from 4.5 V to
38 V.
Figure 34. Positive buck-boost regulator
The relationship between input and output voltage is:
Equation 40
so the duty cycle is:
Equation 41
The output voltage isn’t limited by the maximum operating voltage of the device (38 V),
because the output voltage is sensed only through the resistor divider. The external Power
MOSFET maximum drain to source voltage, must be higher than output voltage; the
maximum gate to source voltage must be higher than the input voltage (in Figure 34, if VIN is
higher than 16 V, the gate must be protected through a Zener diode and resistor).
VOUT
VIN
D
1D
–
-------------
=
D
VOUT
VOUT VIN
+
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com