Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A7985ATR Datasheet(PDF) 37 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 33Page - STMicroelectronics A7985ATR Datasheet HTML 34Page - STMicroelectronics A7985ATR Datasheet HTML 35Page - STMicroelectronics A7985ATR Datasheet HTML 36Page - STMicroelectronics A7985ATR Datasheet HTML 37Page - STMicroelectronics A7985ATR Datasheet HTML 38Page - STMicroelectronics A7985ATR Datasheet HTML 39Page - STMicroelectronics A7985ATR Datasheet HTML 40Page - STMicroelectronics A7985ATR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DocID023128 Rev 5
37/44
A7985A
Application ideas
44
The current flowing through the internal Power MOSFET is transferred to the load only
during the OFF time, so according to the maximum DC switch current (2.0 A), the maximum
output current for the buck boost topology can be calculated from Equation 42.
Equation 42
where ISW is the average current in the embedded Power MOSFET in the ON time.
To chose the right value of the inductor and to manage transient output current, which, for
a short time, can exceed the maximum output current calculated by Equation 42, also the
peak current in the Power MOSFET must be calculated. The peak current, shown in
Equation 43, must be lower than the minimum current limit (2.5 A).
Equation 43
where r is defined as the ratio between the inductor current ripple and the inductor DC
current.
Therefore, in the buck boost topology the maximum output current depends on the
application conditions (firstly input and output voltage, secondly switching frequency and
inductor value).
In Figure 35 the maximum output current for the above configuration is depicted, varying the
input voltage from 4.5 V to 38 V.
The dashed line considers a more accurate estimation of the duty cycles given Equation 44,
where power losses across diodes, the external Power MOSFET, and the internal Power
MOSFET are taken into account.
ISW
IOUT
1D
–
------------- 2 A
=
ISW,PK
IOUT
1D
–
-------------
1
r
2
---
+
3.7A
=
r
VOUT
IOUT LFSW

------------------------------------
1D
–

2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com