Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STOD2540 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STOD2540 Datasheet HTML 5Page - STMicroelectronics STOD2540 Datasheet HTML 6Page - STMicroelectronics STOD2540 Datasheet HTML 7Page - STMicroelectronics STOD2540 Datasheet HTML 8Page - STMicroelectronics STOD2540 Datasheet HTML 9Page - STMicroelectronics STOD2540 Datasheet HTML 10Page - STMicroelectronics STOD2540 Datasheet HTML 11Page - STMicroelectronics STOD2540 Datasheet HTML 12Page - STMicroelectronics STOD2540 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STOD2540
Functional description
Doc ID 12204 Rev 10
9/20
5.5
Load isolation switch
When the device is in shutdown mode, a DC current path always exists between the power
source and the load; increasing the standby consumption. A high side switch LDS isolates
the load from the source when the STOD2540 is disabled.
5.6
Efficiency
The total consumption of some PMOLED display, can be as low as 1 mA. In order to
increase the battery run time of the device, STOD2540 offers a high efficiency over a wide
range of load and input voltage range.
5.7
Under voltage lockout (UVLO)
The minimum supply voltage is 3.0 V, under this value the under voltage lockout circuit
operates with typical threshold 2.8 V.
When supply voltage is below 3.0 V, possible noise in the supply line could disturb the UVLO
circuit causing loss of output regulation. This behavior is eliminated choosing CI = 10 µF or
higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com